Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 200Page - Renesas Technology Corp 7702 Datasheet HTML 201Page - Renesas Technology Corp 7702 Datasheet HTML 202Page - Renesas Technology Corp 7702 Datasheet HTML 203Page - Renesas Technology Corp 7702 Datasheet HTML 204Page - Renesas Technology Corp 7702 Datasheet HTML 205Page - Renesas Technology Corp 7702 Datasheet HTML 206Page - Renesas Technology Corp 7702 Datasheet HTML 207Page - Renesas Technology Corp 7702 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–40
7.4 Clock asynchronous serial I/O (UART) mode
7.4.3 Method of transmission
Figure 7.4.3 shows an initial setting example for relevant registers when transmitting.
The difference due to selection of transfer data length (7 bits, 8 bits, or 9 bits) is only that data length.
When selecting a 7- or 8-bit data length, set the transmit data into the low-order byte of the UARTi transmit
buffer register. When selecting a 9-bit data length, set the transmit data into that low-order byte and bit
0 of that high-order byte.
Transmission is started when all of the following conditions (Œ to Ž) are satisfied:
Œ Transmit is enabled (transmit enable bit = “1”).
 Transmit data is present in the UARTi transmit buffer register (transmit buffer empty flag = “0”).
____
____
Ž CTSi pin’s input is “L” level (when CTS function selected).
____
Note: When the CTS function is not selected, this condition is ignored.
When using interrupts, it is necessary to set the corresponding register to enable interrupts. For details,
refer to “Chapter 4. INTERRUPTS.”
Figure 7.4.4 shows writing data after start of transmission, and Figure 7.4.5 shows detection of transmission’s
completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com