Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 204Page - Renesas Technology Corp 7702 Datasheet HTML 205Page - Renesas Technology Corp 7702 Datasheet HTML 206Page - Renesas Technology Corp 7702 Datasheet HTML 207Page - Renesas Technology Corp 7702 Datasheet HTML 208Page - Renesas Technology Corp 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–44
7.4 Clock asynchronous serial I/O (UART) mode
7.4.4 Transmit operation
Simultaneously when the transmit conditions listed on page 7-40 are satisfied, the following operations are
automatically performed.
•The UARTi transmit buffer register’s contents are transferred to the UARTi transmit register.
•The transmit buffer empty flag is set to “1.”
•The transmit register empty flag is cleared to “0.”
•The UARTi transmit interrupt request occurs and the interrupt request bit is set to “1.”
The transmit operations are described below.
Œ Data in the UARTi transmit register is transmitted from the TxDi pin.
 This data is transmitted bit by bit sequentially in order of ST
→DATA (LSB)→•••→DATA (MSB)→PAR
→SP according to the set transfer data format.
Ž When the stop bit has been transmitted, the transmission register empty flag is set to “1,” indicating
completion of transmission.
When the transmit conditions for the next data are satisfied at completion of transmission, the start bit is
generated following the stop bit, and the next data is transmitted. When performing transmission continuously,
set the next transmit data in the UARTi transmit buffer register during transmission (when the transmit
register empty flag = “0”). When the transmit conditions for the next data are not satisfied, the TxDi pin
outputs “H” level.
Figures 7.4.6 shows example of transmit timing when the transfer data length is 8 bits, and Figure 7.4.7
shows an example of transmit timing when the transfer data length is 9 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com