| Electronic Components Datasheet Search |
|
7702 Datasheet(PDF) 211 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7702 Datasheet(HTML) 211 Page - Renesas Technology Corp |
|
211 / 217 page ![]() 7702/7703 Group User’s Manual 7–47 SERIAL I/O 7.4 Clock asynchronous serial I/O (UART) mode Fig. 7.4.8 Initial setting example for relevant registers when receiving Reception starts when the start bit is detected. Port P8 direction register (Address 1416) b7 b0 0 0 RxD0 pin RxD1 pin UART0 baud rate register (BRG0) (Address 3116) UART1 baud rate register (BRG1) (Address 3916) b7 b0 Set to 00 to FF . UART0 receive interrupt control register (Address 7216) UART1 receive interrupt control register (Address 7416) b7 b0 Interrupt priority level select bits When using interrupts, set these bits to level 1–7. When disabling interrupts, set these bits to level 0. Note: Set the transfer data format in the same way as set on the transmitter side. 1 UART0 transmit/receive control register 1 (Address 3516) UART1 transmit/receive control register 1 (Address 3D16) b7 b0 Receive enable bit 1: Reception enabled UART0 transmit/receive mode register (Address 30 ) UART1 transmit/receive mode register (Address 38 ) b7 b0 Internal/External clock select bit 0: Internal clock 1: External clock 1 0 0: UART mode (7 bits) 1 0 1: UART mode (8 bits) 1 1 0: UART mode (9 bits) Stop bit length select bit 0: 1 stop bit 1: 2 stop bits Odd/Even parity select bit 0: Odd parity 1: Even parity Parity enable bit 0: Parity disabled 1: Parity enabled Sleep select bit 0: Sleep mode cleared (ignored) 1: Sleep mode selected 1 b2b1b0 UART0 transmit/receive control register 0 (Address 34 ) UART1 transmit/receive control register 0 (Address 3C ) b7 b0 BRG count source select bits CTS /RTS select bit 0 : CTS function selected 1 : RTS function selected 0 0 : f2 0 1 : f16 1 0 : f64 1 1 : f512 b1b0 16 16 16 16 16 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |