Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp 7702 Datasheet HTML 214Page - Renesas Technology Corp 7702 Datasheet HTML 215Page - Renesas Technology Corp 7702 Datasheet HTML 216Page - Renesas Technology Corp 7702 Datasheet HTML 217Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 215 / 217 page
background image
7702/7703 Group User’s Manual
7–51
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
7.4.7 Process on detecting error
Errors listed below can be detected in the UART mode:
qOverrun error
An overrun error occurs when the next data is prepared in the UARTi receive register with the receive
completion flag = “1” (that is, data present in the UARTi receive buffer register) and that data is transferred
to the UARTi receive buffer register. In other words, when the next data is prepared before the contents
of the UARTi receive buffer register is read out, an overrun error occurs. When an overrun error occurs,
the next receive data is written into the UARTi receive buffer register, and the UARTi receive interrupt
request bit is not changed. However it is impossible to detect an overrun error as the case may be. Refer
to 1 in “
[Precautions when operating in clock asynchronous serial I/O mode].”
qFraming error
A framing error occurs when the number of detected stop bits does not match the number of stop bits set.
(The UARTi interrupt request bit becomes “1.”)
qParity error
A parity error occurs when the sum of “1”s in the parity bit and character bits does not match the number
of “1”s set. (The UARTi interrupt request bit becomes “1.”)
Each error is detected when data is transferred from the UARTi receive register to the UARTi receive buffer
register, and the corresponding error flag is set to “1.” Furthermore, when any of the above errors occurs,
the error sum flag is set to “1.” Accordingly, the error sum flag informs the user whether any error has
occurred or not.
Error flags such as the overrun error flag, the framing error flag, the parity error flag, the error sum flag
are cleared to “0” by reading the contents of the UARTi receive buffer register low-order byte or clearing
the receive enable bit to “0.”
When errors occur during reception, initialize the error flags and the UARTi receive buffer register, and
then perform reception again. When it is necessary to perform retransmission owing to an error which
occurs in the receiver side, set the UARTi transmit buffer register again, and then starts transmission
again.
The method of initializing the UARTi receive buffer register and that of setting the UARTi transmit buffer
register again are described below.
(1) Method of initializing UARTi receive buffer register
Œ Clear the receive enable bit to “0” (reception disabled).
 Set the receive enable bit to “1” again (reception enabled).
(2) Method of setting UARTi transmit buffer register again
Œ Clear the serial I/O mode select bits to “0002” (serial I/O ignored).
 Set the serial I/O mode select bits again.
Ž Set the transmit enable bit to “1” (transmission enabled), and set the transmit data to the UARTi
transmit buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com