Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp 7702 Datasheet HTML 214Page - Renesas Technology Corp 7702 Datasheet HTML 215Page - Renesas Technology Corp 7702 Datasheet HTML 216Page - Renesas Technology Corp 7702 Datasheet HTML 217Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 213 / 217 page
background image
7702/7703 Group User’s Manual
7–49
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
7.4.6 Receive operation
When the receive enable bit is set to “1,” the UARTi enters the reception enabled state and reception starts
at detecting ST. The receive operation is described below.
Œ The input signal of the RxDi pin is taken into the most significant bit of the UARTi receive register
synchronously with the transfer clock’s rising.
 The contents of UARTi receive register are shifted by 1 bit to the right.
Ž Steps Œ and  are repeated at each rising of the transfer clock.
 When one set of data has been prepared, in other words, the shift according to the selected data format
has been completed; the UARTi receive register’s contents are transferred to the UARTi receive buffer
register.
 Simultaneously with step , the receive complete flag is set to “1,” and the UARTi receive interrupt
request occurs and its interrupt request bit is set to “1.”
The receive complete flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
is read out. Figure 7.4.11 shows an example of receive timing when the transfer data length is 8 bits.
TxDi
RxDi
TxDi
RxDi
Transmitter side
Receiver side
Fig. 7.4.10 Connection example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com