Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp 7702 Datasheet HTML 214Page - Renesas Technology Corp 7702 Datasheet HTML 215Page - Renesas Technology Corp 7702 Datasheet HTML 216Page - Renesas Technology Corp 7702 Datasheet HTML 217Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 214 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–50
7.4 Clock asynchronous serial I/O (UART) mode
Fig. 7.4.11 Example of receive timing when transfer data length is 8 bits (when parity disabled,
selecting 1 stop bit)
D0
D1
D7
RxDi
RTSi
“1”
“0”
“0”
“1”
“H”
“L”
“0”
“1”
The above timinig diagram applies to
the following conditions:
q Parity disabled
q 1 stop bit
q RTS function selected
BRGi count
source
Receive enable bit
Transfer clock
Receive
complete flag
UARTi receive interrupt
request bit
Start bit
Sampled “L”
Receive data taken in
Stop bit
Reception started at falling of start bit
UARTi receive register
UARTi receive buffer register
Cleared to “0” when interrupt request is accepted
or cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com