Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 205Page - Renesas Technology Corp 7702 Datasheet HTML 206Page - Renesas Technology Corp 7702 Datasheet HTML 207Page - Renesas Technology Corp 7702 Datasheet HTML 208Page - Renesas Technology Corp 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 217 page
background image
7702/7703 Group User’s Manual
7–45
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
Fig. 7.4.6 Example of transmit timing when transfer data length is 8 bits (when parity enabled,
selecting 1 stop bit)
Fig. 7.4.7 Example of transmit timing when transfer data length is 9 bits (when parity disabled,
selecting 2 stop bits)
Tc
D0 D1
D2 D3 D4
D5 D6 D7
ST
P
SP
D0 D1
D0 D1
D2 D3 D4
D5 D6 D7
ST
P
SP
ST
TENDi
TxDi
CTSi
“0”
“1”
“0”
“1”
“L”
“H”
“0”
“1”
“0”
“1”
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from an external.)
Tc: 16(n + 1)/fi or 16(n + 1)/fEXT
fi: BRGi count source frequency (f2, f16, f64, f512)
fEXT: BRGi count source frequency (external clock)
n: Value set to BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Start bit
Parity bit
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies to
the following conditions:
q Parity enabled
q 1 stop bit
q CTS function selected
UARTi transmit register
UARTi transmit buffer register
Stopped because transmit enable bit = “0”
Stop bit
D0 D1
D2 D3 D4
D5 D6 D7
ST
D8
D0 D1
D2 D3 D4
D5 D6 D7
ST
SP
D0 D1
ST
D8
SP
SP SP
“0”
“1”
“0”
“1”
“0”
“1”
Tc
“0”
“1”
TENDi
TxDi
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from an external.)
Tc: 16(n + 1)/fi or 16(n + 1)/fEXT
fi: BRGi count source frequency (f2, f16, f64, f512)
fEXT: BRGi count source frequency (external clock)
n: Value set to BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Start bit
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies to
the following conditions:
q Parity disabled
q 2 stop bits
q CTS function disabled
UARTi transmit register
UARTi transmit buffer register
Stopped because transmit enable bit = “0”
Stop bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com