Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp 7702 Datasheet HTML 214Page - Renesas Technology Corp 7702 Datasheet HTML 215Page - Renesas Technology Corp 7702 Datasheet HTML 216Page - Renesas Technology Corp 7702 Datasheet HTML 217Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 217 / 217 page
background image
7702/7703 Group User’s Manual
7–53
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
[Precautions when operating in clock asynchronous serial I/O mode]
When receiving data continuously, an overrun error cannot be detected in the following situation: when the
next data reception is completed between reading the error flag by software and reading the UARTi receive
buffer register.
Fig. 7.4.13 Case of overrun error cannot be detect (using clock asynchronous seriai I/O mode)
D1
D6
D7
D0
ST
SP
ST
D1
D7
SP
D0
Data reading
Data A error flag
(No error )
Data B reading
Receive complete flag
Overrun error flag
UARTi receive interruput
request bit
Software management
Undefined
Data A
Error flag reading

Ž
Œ When checking this error flag by software, the microcomputer judges errors nothing because
errors do not have occurred at data A receiving.
 When receiving the data B, the data B is written to the UARTi receive buffer register and the data
A is cleard and the overrun error flag becomes “1” simultaneously. The UARTi receive interrupt
request bit does not change.
Ž When reading the UARTi receive buffer register by software, the data B is read and the overrun
error flag becomes “0” simultaneously. Accordingly, the overrun error cannot may be detected
and it is possible that the data B is managed as the data A.
Transfer clock
RxD
UARTi receive
buffer register
Data B
Œ
q8-bit data length, parity disabled, 1 stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com