Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 209Page - Renesas Technology Corp 7702 Datasheet HTML 210Page - Renesas Technology Corp 7702 Datasheet HTML 211Page - Renesas Technology Corp 7702 Datasheet HTML 212Page - Renesas Technology Corp 7702 Datasheet HTML 213Page - Renesas Technology Corp 7702 Datasheet HTML 214Page - Renesas Technology Corp 7702 Datasheet HTML 215Page - Renesas Technology Corp 7702 Datasheet HTML 216Page - Renesas Technology Corp 7702 Datasheet HTML 217Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 216 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–52
7.4 Clock asynchronous serial I/O (UART) mode
7.4.8 Sleep mode
This mode is used to transfer data between the specified microcomputers, which are connected by using
UARTi. The sleep mode is selected by setting the sleep select bit (bit 7 at addresses 3016, 3816) to “1” when
receiving.
In the sleep mode, receive operation is performed when the MSB (D8 when the transfer data length is 9
bits, D7 when it is 8 bits, D6 when it is 7 bits) of the receive data is “1.” Receive operation is not performed
when the MSB is “0.” (The UARTi receive register’s contents are not transferred to the UARTi receive
buffer register. Additionally, the receive complete flag and error flags do not change and the UARTi receive
interrupt request does not occur.)
The following shows an usage example of sleep mode when the transfer data length is 8 bits.
Œ Set the same transfer data format for the master and slave microcomputers. Select the sleep mode for
the slave microcomputers.
 Transmit data, which has “1” in bit 7 and the address of the slave microcomputer with which communicates
in bits 0 to 6, from the master microcomputer to all slave microcomputers.
Ž All slave microcomputers receive data of step . (At this time, the UARTi receive interrupt request
occurs.)
 In all slave microcomputers, check in the interrupt routine whether bits 0 to 6 in the receive data match
their addresses.
 In the slave microcomputer of which address matches bits 0 to 6 in the receive data, clear the sleep
mode. (Do not clear the sleep mode for the other slave microcomputers.)
By performing steps  to , “specification of the microcomputer performing transfer” is realized.
‘ Transmit data, which has “0” in bit 7, from the master microcomputer. (Only the microcomputer specified
in steps  to  can receive this data. The other microcomputers do not receive this data.)
’ By repeating step ‘, transfer can be performed between the same microcomputers continuously. When
communicating with another microcomputer, perform steps  to  in order to specify the new slave
microcomputer.
Fig. 7.4.12 Sleep mode
Master
Slave B
Slave A
Slave D
Slave C
Transfer data between the master
microcomputer and one slave microcomputer
selected from multiple slave microcomputers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com