Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 199Page - Renesas Technology Corp 7702 Datasheet HTML 200Page - Renesas Technology Corp 7702 Datasheet HTML 201Page - Renesas Technology Corp 7702 Datasheet HTML 202Page - Renesas Technology Corp 7702 Datasheet HTML 203Page - Renesas Technology Corp 7702 Datasheet HTML 204Page - Renesas Technology Corp 7702 Datasheet HTML 205Page - Renesas Technology Corp 7702 Datasheet HTML 206Page - Renesas Technology Corp 7702 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 217 page
background image
7702/7703 Group User’s Manual
7–39
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
Fig. 7.4.2 Example of transfer data format
Table 7.4.5 Each bit in transmit data
Name
ST
Start bit
DATA
Character bit
PAR
Parity bit
ST
Stop bit
Functions
“L” signal equivalent to 1 character bit which is added immediately before the
character bits. It indicates start of data transmission.
Transmit data which is set in the UARTi transmit buffer register.
A signal that is added immediately after the character bits in order to improve data
reliability. The level of this signal changes according to selection of odd/even parity
in such a way that the sum of “1”s in this bit and character bits is always an odd
or even number.
“H” level signal equivalent to 1 or 2 character bits which is added immediately after
the character bits (or parity bit when parity is enabled). It indicates finish of data
transmission.
Time
•Example of 1ST–8DATA–1PAR–1SP
ST
LSB
MSB PAR
SP
ST
Transmit/Receive data
“H”
DATA (8 bits)
Next transmit/receive data
(When continuously
transferring)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com