Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 194Page - Renesas Technology Corp 7702 Datasheet HTML 195Page - Renesas Technology Corp 7702 Datasheet HTML 196Page - Renesas Technology Corp 7702 Datasheet HTML 197Page - Renesas Technology Corp 7702 Datasheet HTML 198Page - Renesas Technology Corp 7702 Datasheet HTML 199Page - Renesas Technology Corp 7702 Datasheet HTML 200Page - Renesas Technology Corp 7702 Datasheet HTML 201Page - Renesas Technology Corp 7702 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–34
7.3 Clock synchronous serial I/O mode
6. When receiving data continuously, an overrun error cannot be detected in the following situation: when
the next data reception is completed between reading the error flag by software and reading the UARTi
receive buffer register.
Fig. 7.3.12 Case of overrun error cannot be detect (using clock synchronous seriai I/O mode)
Data reading
Data A error flag
(No error )
Data B reading
Receive complete flag
Overrun error flag
UARTi receive interruput
request bit
Software management
Undefined
Data A
Error flag reading
D0
D1
D6
D7
D0
D1
D6
D7

Ž
Œ When checking this error flag by software, the microcomputer judges errors nothing because
errors do not have occurred at data A receiving.
 When receiving the data B, the data B is written to the UARTi receive buffer register and the data
A is cleard and the overrun error flag becomes “1” simultaneously. The UARTi receive interrupt
request bit does not change.
Ž When reading the UARTi receive buffer register by software, the data B is read and the overrun
error flag becomes “0” simultaneously. Accordingly, the overrun error cannot may be detected
and it is possible that the data B is managed as the data A.
Transfer clock
RxD
UARTi receive
buffer register
Data B
Œ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com