Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 171Page - Renesas Technology Corp 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp 7702 Datasheet HTML 174Page - Renesas Technology Corp 7702 Datasheet HTML 175Page - Renesas Technology Corp 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp 7702 Datasheet HTML 178Page - Renesas Technology Corp 7702 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–11
7.2.5 UARTi receive register and UARTi receive buffer register
Figure 7.2.7 shows the block diagram of receive section; Figure 7.2.8 shows the structure of UARTi receive
buffer register.
7.2 Block description
Fig. 7.2.8 Structure of UARTi receive buffer register
Fig. 7.2.7 Block diagram of receive section
Clock sync.
SP
SP
PAR
2SP
1SP
UART
0
0
0
0
0
0
0
RxDi
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
8-bit UART
9-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
7-bit UART
8-bit UART
Data bus (even)
Data bus (odd)
UARTi receive register
Parity
enabled
Parity
disabled
UARTi receive
buffer register
b7
b0
Bit
8 to 0
At reset
Undefined
RW
Functions
RO
b7
b0
(b15)
(b8)
15 to 9
–
UART0 receive buffer register (Addresses 3716, 3616)
UART1 receive buffer register (Addresses 3F16, 3E16)
Nothing is assigned.
The value is “0” at reading.
Receive data is read out from here.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com