Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 169Page - Renesas Technology Corp 7702 Datasheet HTML 170Page - Renesas Technology Corp 7702 Datasheet HTML 171Page - Renesas Technology Corp 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp 7702 Datasheet HTML 174Page - Renesas Technology Corp 7702 Datasheet HTML 175Page - Renesas Technology Corp 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–9
7.2.4 UARTi transmit register and UARTi transmit buffer register
Figure 7.2.5 shows the block diagram of transmit section; Figure 7.2.6 shows the structure of UARTi
transmit buffer register.
7.2 Block description
Fig. 7.2.6 Structure of UARTi transmit buffer register
Fig. 7.2.5 Block diagram of transmit section
SP
SP
PAR
“0”
2SP
1SP
UART
7-bit UART
8-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
Clock sync.
Data bus (even)
Data bus (odd)
TxDi
UARTi transmit register
Parity
enabled
Parity
disabled
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
UARTi transmit
buffer register
8-bit UART
9-bit UART
b7
b0
Bit
8 to 0
At reset
Undefined
RW
Functions
WO
b7
b0
(b15)
(b8)
15 to 9
–
Undefined
UART0 transmit buffer register (Addresses 3316, 3216)
UART1 transmit buffer register (Addresses 3B16, 3A16)
Nothing is assigned.
Transmit data is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com