Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp 7702 Datasheet HTML 164Page - Renesas Technology Corp 7702 Datasheet HTML 165Page - Renesas Technology Corp 7702 Datasheet HTML 166Page - Renesas Technology Corp 7702 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–27
6.5 Pulse period/pulse width measurement mode
[Precautions when operating in pulse period/pulse width measurement mode]
1. The timer Bi interrupt request occurs by the following two causes:
q Input of measured pulse’s valid edge
q Counter overflow
When the overflow is the cause of the interrupt request occurrence, the timer Bi overflow flag is set to
“1.”
2. After reset, the timer Bi overflow flag is undefined. When writing to the timer Bi mode register with the
count start bit = “1,” this flag can be cleared to “0” at the next count timing of the count source.
3. An undefined value is transferred to the reload register when the first valid edge is input after the counter
starts counting. In this case, the timer Bi interrupt request does not occur.
4. The counter value at start of counting is undefined. Accordingly, the timer Bi interrupt request may occur
by the overflow immediately after the counter starts counting.
5. If the contents of the measurement mode select bits are changed after the counter starts counting, the
timer Bi interrupt request bit is set to “1.” When writing the same value which has been set yet to the
measurement mode select bits, the timer Bi interrupt request bit is not changed, that is, the bit retains
the state.
6. If the input signal to the TBiIN pin is affected by noise, etc., the counter may not perform the exact
measurement. We recommend to verify, by software, that the measurement values are within a constant
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com