Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 151Page - Renesas Technology Corp 7702 Datasheet HTML 152Page - Renesas Technology Corp 7702 Datasheet HTML 153Page - Renesas Technology Corp 7702 Datasheet HTML 154Page - Renesas Technology Corp 7702 Datasheet HTML 155Page - Renesas Technology Corp 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–19
6.5 Pulse period/pulse width measurement mode
6.5 Pulse period/pulse width measurement mode
In these mode, the timer measures an external signal’s pulse period or pulse width. (Refer to Table 6.5.1.)
Figure 6.5.1 shows the structures of the timer Bi mode register and timer Bi register in the pulse period/
pulse width measurement mode.
q Pulse period measurement
The timer measures the pulse period of the external signal that is input to the TBiIN pin.
q Pulse width measurement
The timer measures the pulse width (“L” level and “H” level widths) of the external signal that is input
to the TBiIN pin.
Table 6.5.1 Specifications of pulse period/pulse width measurement mode
Item
Count source
Count operation
Count start condition
Count stop condition
Interrupt request occurrence timing
TBiIN pin function
Read from timer Bi register
Write to timer Bi register
Specifications
f2, f16, f64, or f512
q Up-count
q Counter value is transferred to reload register at valid edge of mea-
surement pulse, and counting continues after clearing the counter
value to “000016.”
When count start bit is set to “1”
When count start bit is cleared to “0”
q When valid edge of measurement pulse is input (Note 1).
q When counter overflows (overflow flagV is set to “1” simultaneously).
Measurement pulse input
The value got by reading timer Bi register is the reload register’s
contents, measurement result (Note 2).
Impossible.
Overflow flag
V: The bit used to identify the source of an interrupt request occurrence.
Notes 1: This interrupt request does not occur when the first valid edge is input after the timer starts
counting.
2: The value read out from the timer Bi register is undefined until the second valid edge is input after
the timer starts counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com