Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 117 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 117 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 112Page - Analog Devices ADV7180WBSTZ Datasheet HTML 113Page - Analog Devices ADV7180WBSTZ Datasheet HTML 114Page - Analog Devices ADV7180WBSTZ Datasheet HTML 115Page - Analog Devices ADV7180WBSTZ Datasheet HTML 116Page - Analog Devices ADV7180WBSTZ Datasheet HTML 117Page - Analog Devices ADV7180WBSTZ Datasheet HTML 118Page - Analog Devices ADV7180WBSTZ Datasheet HTML 119Page - Analog Devices ADV7180WBSTZ Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 117 of 120
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADV7180KCP32Z
−10°C to +70°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7180KCP32Z-RL
−10°C to +70°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7180BCPZ
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40-1
ADV7180BCPZ-REEL
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40-1
ADV7180BSTZ
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADV7180BSTZ-REEL
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADV7180WBCP32Z
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7180WBCP32Z-RL
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7180WBCPZ
−40°C to +125°C
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40-1
ADV7180WBCPZ-REEL
−40°C to +125°C
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-40-1
ADV7180WBSTZ
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADV7180WBSTZ-REEL
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADV7180WBST48Z
−40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180WBST48Z-RL
−40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180KST48Z
−10°C to +70°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180KST48Z-RL
−10°C to +70°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180BST48Z
−40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180BST48Z-RL
−40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
ADV7180BCP32Z
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7180BCP32Z-RL
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
EVAL-ADV7180LQEBZ
Evaluation Board for the 64-Lead LQFP
EVAL-ADV7180LFEBZ
Evaluation Board for the 40-Lead LFCSP
EVAL-ADV7180-32EBZ
Evaluation Board for the 32-Lead LFCSP
EVAL-ADV7180-48EBZ
Evaluation Board for the 48-Lead LQFP
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADV7180W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models, and designers should
review the product Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific automotive reliability reports for these models.
Note that the ADV7180 is a Pb-free, environmentally friendly product. It is manufactured using the most up-to-date materials and
processes. The coating on the leads of each device is 100% pure Sn electroplate. The device is suitable for Pb-free applications and can
withstand surface-mount soldering at up to 255°C (±5°C).
In addition, it is backward-compatible with conventional SnPb soldering processes. This means that the electroplated Sn coating can be
soldered with Sn/Pb solder pastes at conventional reflow temperatures of 220°C to 235°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com