Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 113 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 113 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 109Page - Analog Devices ADV7180WBSTZ Datasheet HTML 110Page - Analog Devices ADV7180WBSTZ Datasheet HTML 111Page - Analog Devices ADV7180WBSTZ Datasheet HTML 112Page - Analog Devices ADV7180WBSTZ Datasheet HTML 113Page - Analog Devices ADV7180WBSTZ Datasheet HTML 114Page - Analog Devices ADV7180WBSTZ Datasheet HTML 115Page - Analog Devices ADV7180WBSTZ Datasheet HTML 116Page - Analog Devices ADV7180WBSTZ Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 113 of 120
0.1µF
SCLK
40
SCLK
SDATA
39
SDA
AIN1
26
AIN1
AIN2
27
AIN2
AIN3
33
AIN3
AIN4
34
AIN4
AIN5
35
AIN5
AIN6
36
AIN6
LLC
14
LLC
33Ω
33Ω
ELPF
24
82nF
10nF
PVDD_1.8V
1.69kΩ
KEEP CLOSE TO THE ADV7180 AND ON
THE SAME SIDE OF PCB AS THE ADV7180.
EXTERNAL
LOOP FILTER
P0
22
P0
P1
20
P1
P2
12
P2
P3
11
P3
P4
10
P4
P5
9P5
P6
8P6
P7
7P7
P[0:7]
VREFN
30
VREFP
29
1MΩ
28.63636MHz
47pF
47pF
XTAL
17
XTAL1
16
ALSB
38
DVDDIO_3.3V
4kΩ
PVDD_1.8V
0.1µF
10nF
DVDD_1.8V
DVDD_1.8V
0.1µF
10nF
AVDD_1.8V
0.1µF
10nF
DVDDIO_3.3V
10nF
0.1µF
10nF
0.1µF
DVDDIO_3.3V
10nF
0.1µF
39Ω
36Ω
0.1µF
ANALOG_INPUT_4
Cr
AIN4
39Ω
36Ω
0.1µF
ANALOG_INPUT_3
YC_Y
AIN3
39Ω
36Ω
0.1µF
ANALOG_INPUT_2
CVBS
AIN2
39Ω
36Ω
0.1µF
ANALOG_INPUT_1
Y
AIN1
39Ω
36Ω
0.1µF
ANALOG_INPUT_5
Cb
AIN5
39Ω
36Ω
0.1µF
ANALOG_INPUT_6
YC_C
AIN6
RESET
37
RESET
INTRQ
46
INT
GPO3
41
GPO3
GPO2
42
GPO2
GPO1
6
GPO1
GPO0
5
GPO0
VS/FIELD
45
VS/FIELD
HS
47
HS
SFL
3
NC
15, 48
SFL
PWRDWN
21
POWER_DOWN
ADV7180WBST48Z
LQFP–48
THE SUGGESTED INPUT ARRANGEMENT
IS AS SEEN ON THE EVAL BOARD AND IS
DIRECTLY SUPPORTED BY INSEL.
TIE HI: I2C ADDRESS = 42
TIE LOW: I2C ADDRESS = 40
NOTES
1. NC = NO CONNECT.
*REFER TO ANALOG DEVICES CRYSTAL APPLICATION NOTE FOR PROPER CAPACITOR LOADING
*
KEEP VREFN AND VREFP CAPACITOR AS CLOSE AS
POSSIBLE TO THE ADV7180 AND ON THE SAME
SIDE OF THE PCB AS THE ADV7180.
Figure 57. 48-Lead LQFP Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com