Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 110 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 110 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 106Page - Analog Devices ADV7180WBSTZ Datasheet HTML 107Page - Analog Devices ADV7180WBSTZ Datasheet HTML 108Page - Analog Devices ADV7180WBSTZ Datasheet HTML 109Page - Analog Devices ADV7180WBSTZ Datasheet HTML 110Page - Analog Devices ADV7180WBSTZ Datasheet HTML 111Page - Analog Devices ADV7180WBSTZ Datasheet HTML 112Page - Analog Devices ADV7180WBSTZ Datasheet HTML 113Page - Analog Devices ADV7180WBSTZ Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 110 of 120
PCB LAYOUT RECOMMENDATIONS
The ADV7180 is a high precision, high speed, mixed-signal
device. To achieve the maximum performance from the part, it
is important to have a well laid out PCB. The following is a
guide for designing a board using the ADV7180.
ANALOG INTERFACE INPUTS
Care should be taken when routing the inputs on the PCB.
Track lengths should be kept to a minimum, and 75 Ω trace
impedances should be used when possible. In addition, trace
impedances other than 75 Ω increase the chance of reflections.
POWER SUPPLY DECOUPLING
It is recommended to decouple each power supply pin with
0.1 μF and 10 nF capacitors. The fundamental idea is to have a
decoupling capacitor within about 0.5 cm of each power pin. In
addition, avoid placing the capacitor on the opposite side of the
PCB from the ADV7180 because doing so interposes inductive
vias in the path. The decoupling capacitors should be located
between the power plane and the power pin. Current should
flow from the power plane to the capacitor and then to the
power pin. Do not apply the power connection between the
capacitor and the power pin. Placing a via underneath the
100 nF capacitor pads, down to the power plane, is the best
approach (see Figure 54).
SUPPLY
GROUND
10nF
100nF
VIA TO SUPPLY
VIA TO GND
Figure 54. Recommended Power Supply Decoupling
It is particularly important to maintain low noise and good
stability of PVDD. Careful attention must be paid to regulation,
filtering, and decoupling. It is highly desirable to provide separate
regulated supplies for each of the analog circuitry groups (AVDD,
DVDD, DVDDIO, and PVDD).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during horizontal and vertical sync periods). This can result in
a measurable change in the voltage supplied to the analog supply
regulator, which can in turn produce changes in the regulated
analog supply voltage. This can be mitigated by regulating the
analog supply, or at least PVDD, from a different, cleaner power
source, for example, from a 12 V supply.
Using a single ground plane for the entire board is also recom-
mended.
Experience has repeatedly shown that the noise performance is
the same or better with a single ground plane. Using multiple
ground planes can be detrimental because each separate ground
plane is smaller, and long ground loops can result.
PLL
Place the PLL loop filter components as close as possible to the
ELPF pin. It should also be placed on the same side of the PCB
as the ADV7180. Do not place any digital or other high frequency
traces near these components. Use the values suggested in this
data sheet with tolerances of 10% or less.
VREFN AND VREFP
The circuit associated with these pins should be placed as close
as possible and on the same side of the PCB as the ADV7180.
DIGITAL OUTPUTS (BOTH DATA AND CLOCKS)
Try to minimize the trace length that the digital outputs have to
drive. Longer traces have higher capacitance, requiring more
current and, in turn, causing more internal digital noise.
Shorter traces reduce the possibility of reflections.
Adding a 30 Ω to 50 Ω series resistor can suppress reflections,
reduce EMI, and reduce the current spikes inside the ADV7180.
If series resistors are used, place them as close as possible to the
ADV7180 pins. However, try not to add vias or extra length to
the output trace to place the resistors closer.
If possible, limit the capacitance that each of the digital outputs
drives to less than 15 pF. This can easily be accomplished by
keeping traces short and by connecting the outputs to only one
device. Loading the outputs with excessive capacitance increases
the current transients inside the ADV7180, creating more digital
noise on its power supplies.
The 40-lead and 32-lead LFCSP have an exposed metal paddle
on the bottom of the package. This paddle must be soldered to
PCB ground for proper heat dissipation and for noise and
mechanical strength benefits.
DIGITAL INPUTS
The digital inputs on the ADV7180 are designed to work with
1.8 V to 3.3 V signals and are not tolerant of 5 V signals. Extra
components are needed if 5 V logic signals are required to be
applied to the decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com