Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 114 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 114 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 110Page - Analog Devices ADV7180WBSTZ Datasheet HTML 111Page - Analog Devices ADV7180WBSTZ Datasheet HTML 112Page - Analog Devices ADV7180WBSTZ Datasheet HTML 113Page - Analog Devices ADV7180WBSTZ Datasheet HTML 114Page - Analog Devices ADV7180WBSTZ Datasheet HTML 115Page - Analog Devices ADV7180WBSTZ Datasheet HTML 116Page - Analog Devices ADV7180WBSTZ Datasheet HTML 117Page - Analog Devices ADV7180WBSTZ Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 114 of 120
0.1µF
SCLK
28
SCLK
SDATA
27
SDA
19
23
24
RESET
25
RESET
LLC
11
LLC
INTRQ
32
INTRQ
SFL
4
SFL
VS/FIELD
31
VS/FIELD
HS
1
HS
ELPF
17
82nF
10nF
1.69kΩ
KEEP CLOSE TO THE ADV7180 AND ON
THE SAME SIDE OF PCB AS THE ADV7180.
EXTERNAL
LOOP FILTER
P0
16
P0
P1
15
P1
P2
10
P2
P3
9P3
P4
8P4
P5
7P5
P6
6P6
P7
5P7
P[0:7]
VREFN
21
VREFP
20
28.63636MHz
47pF
47pF
LOCATE CLOSE TO, AND ON THE
SAME SIDE AS, THE ADV7180.
XTAL
13
XTAL1
12
ALSB
26
4kΩ
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
39Ω
36Ω
0.1µF
ANALOG_INPUT_2
39Ω
36Ω
0.1µF
ANALOG_INPUT_1
39Ω
36Ω
0.1µF
ANALOG_INPUT_3
ADV7180KCP32Z
LFCSP–32
KEEP VREFN AND VREFP CAPACITOR AS CLOSE AS
POSSIBLE TO THE ADV7180 AND ON THE SAME SIDE
OF THE PCB AS THE ADV7180.
AIN1
AIN1
AIN2
AIN2
AIN3
AIN3
AIN1
AIN2
AIN3
DVDD_1.8V
DVDDIO
AVDD_1.8V
DVDDIO_3.3V
DVDD_1.8V
AVDD_1.8V
PVDD_1.8V
YCrCb
8-BIT
656 DATA
DVDDIO
ALSB TIED HI ≥ I2C ADDRESS = 42h
ALSB TIED LOW ≥ I2C ADDRESS = 40h
PVDD_1.8V
1MΩ
Figure 58. 32-Lead LFCSP Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com