Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 111 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 111 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 107Page - Analog Devices ADV7180WBSTZ Datasheet HTML 108Page - Analog Devices ADV7180WBSTZ Datasheet HTML 109Page - Analog Devices ADV7180WBSTZ Datasheet HTML 110Page - Analog Devices ADV7180WBSTZ Datasheet HTML 111Page - Analog Devices ADV7180WBSTZ Datasheet HTML 112Page - Analog Devices ADV7180WBSTZ Datasheet HTML 113Page - Analog Devices ADV7180WBSTZ Datasheet HTML 114Page - Analog Devices ADV7180WBSTZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 111 of 120
TYPICAL CIRCUIT CONNECTION
Examples of how to connect the 40-lead LFCSP, 64-lead LQFP, 48-lead LQFP, and 32-lead LFCSP video decoders are shown in Figure 55,
Figure 56, Figure 57, and Figure 58. For a detailed schematic of the ADV7180 evaluation boards, contact a local Analog Devices field
applications engineer or Analog Devices distributor.
PWRDWN
18
POWER_DOWN
SCLK
34
SCLK
SDATA
33
SDA
AIN1
23
AIN1
AIN2
29
AIN2
AIN3
30
AIN3
RESET
31
RESET
LLC
11
LLC
INTRQ
38
INTRQ
SFL
2
SFL
VS/FIELD
37
VS/FIELD
HS
39
HS
ELPF
19
82nF
10nF
PVDD_1.8V
1.69kΩ
KEEP CLOSE TO THE ADV7180 AND ON
THE SAME SIDE OF PCB AS THE ADV7180.
EXTERNAL
LOOP FILTER
P0
17
P0
P1
16
P1
P2
10
P2
P3
9P3
P4
8P4
P5
7P5
P6
6P6
P7
5P7
YCrCb
8-BIT
656 DATA
P[0:7]
VREFN
26
VREFP
25
KEEP VREFN AND VREFP CAPACITOR AS CLOSE AS
POSSIBLE TO THE ADV7180 AND ON THE SAME SIDE
OF THE PCB AS THE ADV7180.
1MΩ
28.63636MHz
47pF
47pF
LOCATE CLOSE TO, AND ON THE
SAME SIDE AS, THE ADV7180.
XTAL
13
XTAL1
12
ALSB
32
DVDDIO
4kΩ
ALSB TIED HI ≥ I2C ADDRESS = 42h
ALSB TIED LOW ≥ I2C ADDRESS = 40h
DVDDIO_3.3V
DVDD_1.8V
AVDD_1.8V
PVDD_1.8V
0.1µF
10nF
AVDD_1.8V
0.1µF
10nF
DVDDIO
0.1µF
10nF
DVDD_1.8V
0.1µF
10nF
0.1µF
10nF
39Ω
36Ω
0.1µF
ANALOG_INPUT_2
AIN2
39Ω
36Ω
0.1µF
ANALOG_INPUT_1
AIN1
39Ω
36Ω
0.1µF
ANALOG_INPUT_3
AIN3
ADV7180BCPZ
LFCSP–40
0.1µF
Figure 55. 40-Lead LFCSP Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com