Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 124 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 124 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 120Page - Exar Corporation XRT72L13 Datasheet HTML 121Page - Exar Corporation XRT72L13 Datasheet HTML 122Page - Exar Corporation XRT72L13 Datasheet HTML 123Page - Exar Corporation XRT72L13 Datasheet HTML 124Page - Exar Corporation XRT72L13 Datasheet HTML 125Page - Exar Corporation XRT72L13 Datasheet HTML 126Page - Exar Corporation XRT72L13 Datasheet HTML 127Page - Exar Corporation XRT72L13 Datasheet HTML 128Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
112
Bit 5 - Insert AIS Rx DS1 Channel 25
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 25 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data25 output pin), as demultiplexed
via the inbound DS2 and DS3 data streams.
Bit 4 - Insert AIS Rx DS1 Channel 24
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 24 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data24 output pin), as demultiplexed
via the inbound DS2 and DS3 data streams.
Bit 3 - Insert AIS Tx DS1 Channel 27
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 27 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 27 to be transmitted as received (via the
TxDS1Data27 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 2 - Insert AIS Tx DS1 Channel 26
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 26 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 26 to be transmitted as received (via the
TxDS1Data26 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 1 - Insert AIS Tx DS1 Channel 25
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 25 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 25 to be transmitted as received (via the
TxDS1Data25 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 0 - Insert AIS Tx DS1 Channel 24
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 24 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 24 to be transmitted as received (via the
TxDS1Data24 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
2.3.2.38 M12 DS2 # 1 Loopback Request Regis-
ter )
Bit 7 - Loop-back Activation - DS1 Channel 3
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 3 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_3” signal will internally be “looped-back”
into the “TxDS1Data_3” path. Further, the
“RxDS1Clock_3” clock signal will also be internally
looped back into the “RxDS1Clock_3” signal path.
Setting this bit-field to “1” enables this loop-back
mode. Conversely, setting this bit-field to “0” disables
this loop-back mode.
NOTE: This bit-field is ignored if the XRT72L13 has been
configured to operate in the “ITU-T G.747” Mode.
Bit 6 - Loop-back Activation - DS1 Channel 2
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 2 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_2” signal will internally be “looped-back”
into the “TxDS1Data_2” path. Further, the
“RxDS1Clock_2” clock signal will also be internally
looped back into the “RxDS1Clock_2” signal path.
M12 DS2 # 1 LOOP-BACK REGISTER (ADDRESS = 0X28)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Loop-back
Activation
DS1 Channel
3
Loop-back
Activation
DS1 Channel
2
Loop-back
Activation
DS1 Channel
1
Loop-back
Activation
DS1 Channel
0
Loop-back
Request
DS1 Channel
3
Loop-back
Request
DS1 Channel
2
Loop-back
Request
DS1 Channel
1
Loop-back
Request
DS1 Channel
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com