Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 121 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 121 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 117Page - Exar Corporation XRT72L13 Datasheet HTML 118Page - Exar Corporation XRT72L13 Datasheet HTML 119Page - Exar Corporation XRT72L13 Datasheet HTML 120Page - Exar Corporation XRT72L13 Datasheet HTML 121Page - Exar Corporation XRT72L13 Datasheet HTML 122Page - Exar Corporation XRT72L13 Datasheet HTML 123Page - Exar Corporation XRT72L13 Datasheet HTML 124Page - Exar Corporation XRT72L13 Datasheet HTML 125Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
109
Setting this bit-field to “0” permits the contents of DS1
Channel 14 to be transmitted as received (via the
TxDS1Data14 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 1 - Insert AIS Tx DS1 Channel 13
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 13 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 13 to be transmitted as received (via the
TxDS1Data13 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 0 - Insert AIS Tx DS1 Channel 12
This “Read/Write” bit-field permits the user to config-
ure the contents of the “outbound” DS1 Channel 12 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 12 to be transmitted as received (via the
TxDS1Data12 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
2.3.2.35 M12 DS2 # 5 AIS Register )
Bit 7 - Insert AIS Rx DS1 Channel 19
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 19 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data19 output pin, as demultiplexed
via the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 6 - Insert AIS Rx DS1 Channel 18
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 18 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data18 output pin, as demultiplexed
via the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
M12 DS2 # 5 AIS REGISTER (ADDRESS = 0X25)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Insert
AIS
Rx DS1
Channel 19
Insert
AIS
Rx DS1
Channel 18
Insert
AIS
Rx DS1
Channel 17
Insert
AIS
Rx DS1
Channel 16
Insert
AIS
Tx DS1
Channel 19
Insert
AIS
Tx DS1
Channel 18
Insert
AIS
Tx DS1
Channel 17
Insert
AIS
Tx DS1
Channel 16
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com