Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 118 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 118 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 114Page - Exar Corporation XRT72L13 Datasheet HTML 115Page - Exar Corporation XRT72L13 Datasheet HTML 116Page - Exar Corporation XRT72L13 Datasheet HTML 117Page - Exar Corporation XRT72L13 Datasheet HTML 118Page - Exar Corporation XRT72L13 Datasheet HTML 119Page - Exar Corporation XRT72L13 Datasheet HTML 120Page - Exar Corporation XRT72L13 Datasheet HTML 121Page - Exar Corporation XRT72L13 Datasheet HTML 122Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
106
Setting this bit-field to “0” permits the contents of DS1
Channel 0 to be transmitted as received (via the
TxDS1Data0 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
2.3.2.32 M12 DS2 # 2 AIS Register )
Bit 7 - Insert AIS Rx DS1 Channel 7
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 7 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data7 output pin, as demultiplexed via
the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 6 - Insert AIS Rx DS1 Channel 6
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 6 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data6 output pin, as demultiplexed via
the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 5 - Insert AIS Rx DS1 Channel 5
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 5 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data5 output pin, as demultiplexed via
the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 4 - Insert AIS Rx DS1 Channel 4
This “Read/Write” bit-field permits the user to config-
ure the contents of the “inbound” DS1 Channel 4 to
be overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits data to be output
(via the RxDS1Data4 output pin, as demultiplexed via
the inbound DS2 and DS3 data streams.
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 3 - Insert AIS Tx DS1 Channel 7
This “Read/Write” bit-field permits the user to config-
ure the contents of the “output” DS1 Channel 7 to be
overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 7 to be transmitted as received (via the
TxDS1Data7 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 2 - Insert AIS Tx DS1 Channel 6
This “Read/Write” bit-field permits the user to config-
ure the contents of the “output” DS1 Channel 6 to be
overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 6 to be transmitted as received (via the
TxDS1Data2 input pin).
Setting this bit-field to “1” configures the XRT72L13
M13 device to overwrite this data with an AIS (all
ones pattern).
Bit 1 - Insert AIS Tx DS1 Channel 5
This “Read/Write” bit-field permits the user to config-
ure the contents of the “output” DS1 Channel 5 to be
overwritten with an “All Ones” pattern.
Setting this bit-field to “0” permits the contents of DS1
Channel 5 to be transmitted as received (via the
TxDS1Data5 input pin).
M12 DS2 # 2 AIS REGISTER (ADDRESS = 0X22)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Insert
AIS
Rx DS1
Channel 7
Insert
AIS
Rx DS1
Channel 6
Insert
AIS
Rx DS1
Channel 5
Insert
AIS
Rx DS1
Channel 4
Insert
AIS
Tx DS1
Channel 7
Insert
AIS
Tx DS1
Channel 6
Insert
AIS
Tx DS1
Channel 5
Insert
AIS
Tx DS1
Channel 4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com