Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 129 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 129 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 125Page - Exar Corporation XRT72L13 Datasheet HTML 126Page - Exar Corporation XRT72L13 Datasheet HTML 127Page - Exar Corporation XRT72L13 Datasheet HTML 128Page - Exar Corporation XRT72L13 Datasheet HTML 129Page - Exar Corporation XRT72L13 Datasheet HTML 130Page - Exar Corporation XRT72L13 Datasheet HTML 131Page - Exar Corporation XRT72L13 Datasheet HTML 132Page - Exar Corporation XRT72L13 Datasheet HTML 133Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
117
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 to transmit a “DS1 Channel 12 -
Loop-back Request” signal to the Remote Terminal
Equipment. When the Remote Terminal Equipment
receives this request, it is expected to respond by
configuring its own DS1 Channel 12 signal into Loop-
back Mode.
NOTE: This bit-field is ignored if the XRT72L13 has been
configured to operate in the “ITU-T G.747” Mode.
2.3.2.42 M12 DS2 # 5 Loopback Request Regis-
ter )
Bit 7 - Loop-back Activation - DS1 Channel 19
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 19 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_19” signal will internally be “looped-
back” into the “TxDS1Data_19” path. Further, the
“RxDS1Clock_19” clock signal will also be internally
looped back into the “RxDS1Clock_19” signal path.
Setting this bit-field to “1” enables this loop-back
mode. Conversely, setting this bit-field to “0” disables
this loop-back mode.
NOTE: This bit-field is ignored if the XRT72L13 has been
configured to operate in the “ITU-T G.747” Mode.
Bit 6 - Loop-back Activation - DS1 Channel 18
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 18 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_18” signal will internally be “looped-
back” into the “TxDS1Data_18” path. Further, the
“RxDS1Clock_18” clock signal will also be internally
looped back into the “RxDS1Clock_18” signal path.
Setting this bit-field to “1” enables this loop-back
mode. Conversely, setting this bit-field to “0” disables
this loop-back mode.
Bit 5 - Loop-back Activation - DS1 Channel 17
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 17 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_17” signal will internally be “looped-
back” into the “TxDS1Data_17” path. Further, the
“RxDS1Clock_17” clock signal will also be internally
looped back into the “RxDS1Clock_17” signal path.
Setting this bit-field to “1” enables this loop-back
mode. Conversely, setting this bit-field to “0” disables
this loop-back mode.
Bit 4 - Loop-back Activation - DS1 Channel 16
This “Read/Write” bit-field permits the user to config-
ure DS1 Channel 16 into Remote Loop-back Mode.
When this loop-back is configured, then the
“RxDS1Data_16” signal will internally be “looped-
back” into the “TxDS1Data_16” path. Further, the
“RxDS1Clock_16” clock signal will also be internally
looped back into the “RxDS1Clock_16” signal path.
Setting this bit-field to “1” enables this loop-back
mode. Conversely, setting this bit-field to “0” disables
this loop-back mode.
Bit 3 - Loop-back Request - DS1 Channel 19
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 to transmit a “DS1 Channel 19 -
Loop-back Request” signal to the Remote Terminal
Equipment. When the Remote Terminal Equipment
receives this request, it is expected to respond by
configuring its own DS1 Channel 19 signal into Loop-
back Mode.
NOTE: This bit-field is ignored if the XRT72L13 has been
configured to operate in the “ITU-T G.747” Mode.
Bit 2 - Loop-back Request - DS1 Channel 18
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 to transmit a “DS1 Channel 18 -
Loop-back Request” signal to the Remote Terminal
Equipment. When the Remote Terminal Equipment
receives this request, it is expected to respond by
configuring its own DS1 Channel 18 signal into Loop-
back Mode.
NOTE: This bit-field is ignored if the XRT72L13 has been
configured to operate in the “ITU-T G.747” Mode.
M12 DS2 # 5 LOOP-BACK REGISTER (ADDRESS = 0X2C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Loop-back
Activation
DS1 Channel
19
Loop-back
Activation
DS1 Channel
18
Loop-back
Activation
DS1 Channel
17
Loop-back
Activation
DS1 Channel
16
Loop-back
Request
DS1 Channel
19
Loop-back
Request
DS1 Channel
18
Loop-back
Request
DS1 Channel
17
Loop-back
Request
DS1 Channel
16
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com