Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 133 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 133 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 129Page - Exar Corporation XRT72L13 Datasheet HTML 130Page - Exar Corporation XRT72L13 Datasheet HTML 131Page - Exar Corporation XRT72L13 Datasheet HTML 132Page - Exar Corporation XRT72L13 Datasheet HTML 133Page - Exar Corporation XRT72L13 Datasheet HTML 134Page - Exar Corporation XRT72L13 Datasheet HTML 135Page - Exar Corporation XRT72L13 Datasheet HTML 136Page - Exar Corporation XRT72L13 Datasheet HTML 137Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
121
Writing a "1" to this bit-field invokes this command.
Writing a "0" allows the Transmit DS3 Framer to func-
tion normally (e.g., the Transmit DS3 Framer will
transmit its payload and internally generated over-
head bits).
NOTE: For more information on this feature, please see
Section _.
NOTE: This bit-setting is ignored if Bits 3 or 4 (within this
register) are set to "1".
Bit 4 - Tx AIS (Pattern)
This "Read/Write" bit-field allows the user to com-
mand the Transmit DS3 Framer to transmit an "AIS"
pattern. If the user invokes this command, then the
Transmit DS3 Framer will force the outbound DS3
frames to have the following patterns.
• Valid M-bits, F-bits, and P-bits
• All C-bits are set to '0'
• All X-bits are set to '1'
• A repeating '1010...' pattern is written into the pay-
load of the DS3 Frames.
Writing a "1' to this bit-field invokes this command.
Writing a "0" allows the Transmit DS3 Framer to func-
tion normally (e.g., the Transmit DS3 Framer will
transmit its payload and internally generated over-
head bits).
NOTE: For more information on this feature, please see
Section _.
Bit 3 - Tx LOS (Loss of Signal)
This "Read/Write" bit-field allows the user to com-
mand the Transmit DS3 Framer to simulate an "LOS
Condition". If the user invokes this command, then
the Transmit DS3 Framer will stop sending "mark"
pulses out on the line; and will transmit an all-zero
pattern.
Writing a '0' to this bit-field disables (or shuts off) this
feature, thereby allowing internally generated DS3
Frames to be generated and transmitted over the line.
Writing a '1' to this bit-field invokes this command,
causing the Transmit DS3 Framing to generate an all
'0' pattern.
NOTE: For more information on this feature, please see
Section _.
Bit 2 - FERF on LOS
This "Read/Write" bit-field allows the user to config-
ure the Transmit DS3 Framer to generate a "Yellow
Alarm" if the Near-End Receive DS3 Framer detects
a "LOS" (Loss of Signal) Condition.
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section _.
Bit 1 - FERF on OOF
This "Read/Write" bit-field allows the user to config-
ure the Transmit DS3 Framer to generate a "Yellow
Alarm" if the Near-End Receive DS3 Framer detects
an "OOF (Out-of-Frame) Condition".
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section _.
Bit 0 - FERF on AIS
This "Read/Write" bit-field allows the user to config-
ure the Transmit DS3 Framer to generate a "Yellow
Alarm" if the Near-End Receive DS3 Framer detects
an AIS (Alarm Indication Signal) Condition.
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section _.
2.3.2.46 TxDS3 FEAC Configuration and Status
Register )
Bit 4 - Tx FEAC Interrupt Enable
This “Read-Write” bit-field permits the user to enable
or disable the “Transmit FEAC” Interrupt.
Setting this bit-field to “0” disables this interrupt.
Conversely, setting this bit-field to “1” enables this in-
terrupt.
Bit 3 - TxFEAC Interrupt Status
TRANSMIT DS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Tx FEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
Go
TxFEAC
Busy
RO
RO
RO
R/W
RUR
R/W
R/W
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com