Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 136 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 136 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 132Page - Exar Corporation XRT72L13 Datasheet HTML 133Page - Exar Corporation XRT72L13 Datasheet HTML 134Page - Exar Corporation XRT72L13 Datasheet HTML 135Page - Exar Corporation XRT72L13 Datasheet HTML 136Page - Exar Corporation XRT72L13 Datasheet HTML 137Page - Exar Corporation XRT72L13 Datasheet HTML 138Page - Exar Corporation XRT72L13 Datasheet HTML 139Page - Exar Corporation XRT72L13 Datasheet HTML 140Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
124
occurred since the read of this register. A "1" in this
bit-field indicates that this interrupt has occurred
since the last read of this register.
NOTE: For more information on the LAPD Transmitter,
please see Section _.
2.3.2.50 TxDS3 M-Bit Mask Register )
Bit 7 - 5: TxFEBEDat[2:0]
These three (3) "read/write" bit-fields, along with Bit 4
of this register, allows the user to configure and trans-
mit his/her choice for FEBE bits in each outgoing DS3
Frame. The user will write his/her value for the FEBE
bits into these bit-fields. The Transmit DS3 Framer
will insert these values into the FEBE bit-fields of
each outgoing DS3 Frame, once the user has written
a "1" to Bit 4 (FEBE Register Enable).
NOTE: For more information on this feature, please see
Section _.
Bit 4 - FEBE Register Enable
This "Read/Write" bit-field allows the user to config-
ure the Transmit DS3 Framer to insert the contents of
TxFEBEDat[2:0] into the FEBE bit-fields each outgo-
ing DS3 Frame.
Writing a "0" to this bit-field disables this feature (e.g.,
the Transmit DS3 Framer will transmit the internally
generated FEBE bits). Writing a "1" to this bit-field
enables this features (e.g., the internally generated
FEBE bits are overwritten by the contents of the
TxFEBEDat[2:0] bit-field).
NOTE: For more information on this feature, please see
Section _.
Bit 3 - Transmit Erred P-Bit
This "Read/Write bit-field allows the user to insert er-
rors into the P-bits of the outgoing DS3 frames (via
the Transmit DS3 Framer block). If the user enables
this feature, then the Transmit DS3 Framer will pro-
ceed to invert each and every P-bit, from its comput-
ed value, prior to transmission to the "Far-end" Termi-
nal.
Writing a "0" to this bit-field (the default condition) dis-
ables this feature (e.g., the correct P-bits are sent).
Writing a "1" to this bit-field enables this feature (e.g.,
the incorrect P-bits are sent).
NOTE: For more information on this feature, please see
Section _.
Bit 2 - 0 M-Bit Mask[2:0]
These "Read/Write" bit-fields allow the user to insert
errors in the M-bits for Test and Diagnostic purposes.
The Transmit DS3 Framer automatically performs an
XOR operation on the actual contents of the M-bit
fields to these register bit-fields. Therefore, for every
'1' that exists in these bit-fields, will result in a change
of state of the corresponding M-bit, prior to being
transmitted to the Far End Receive DS3 Framer.
If the user wishes to operate the Transmit DS3 Fram-
er in the normal mode (e.g., when no errors are being
injected into the M-bit fields of the outbound DS3
Frame), then he/she must ensure that these bit-fields
are all '0'.
2.3.2.51 Tx DS3 F-Bit Mask1 Register )
Bits 3 - 0 F-Bit Mask[27:24]
These "Read/Write" bit-fields allow the user to insert
errors into the first four F-bits of a DS3 M-frame, for
test and diagnostic purposes. The Transmit DS3
Framer block (within the chip) automatically performs
an XOR operation on the actual contents of these F-
bit fields to these register bit-fields. Therefore, for ev-
ery "1" that exists in these bit-fields, this will result in a
change of state for the corresponding F-bit, prior to
TXDS3 M-BIT MASK REGISTER (ADDRESS = 0X35)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxFEBEDat[2:0]
FEBE Reg
Enable
Tx Error
P-Bit
MBit Mask[2]
MBit Mask[1]
MBit Mask[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TX DS3 F-BIT MASK REGISTER - 1 (ADDRESS = 0X36)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FBit Mask[27] FBit Mask[26] FBit Mask[25] FBit Mask[24]
RO
RO
RO
RO
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com