Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 134 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 134 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 130Page - Exar Corporation XRT72L13 Datasheet HTML 131Page - Exar Corporation XRT72L13 Datasheet HTML 132Page - Exar Corporation XRT72L13 Datasheet HTML 133Page - Exar Corporation XRT72L13 Datasheet HTML 134Page - Exar Corporation XRT72L13 Datasheet HTML 135Page - Exar Corporation XRT72L13 Datasheet HTML 136Page - Exar Corporation XRT72L13 Datasheet HTML 137Page - Exar Corporation XRT72L13 Datasheet HTML 138Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
122
This "Read-Only" bit-field indicates whether or not the
"FEAC Message Transmission Complete" interrupt
has occurred since the last read of this register. This
interrupt will occur once the Transmit FEAC Proces-
sor has finished its 10th transmission of the 16 bit
FEAC Message (6 bit FEAC Code word + 10 framing
bits). The purpose of this interrupt is to let the local
µP know that the Transmit FEAC Processor has com-
pleted its transmission of its latest FEAC Message
and is now ready to transmit another FEAC Message.
If this bit-field is "0", then the "FEAC Message Trans-
mission Complete" interrupt has NOT occurred since
the last read of this register.
If this bit-field is "1", then the "FEAC Message Trans-
mission Complete" interrupt has occurred since the
last read of this register.
NOTE: For more information on the Transmit FEAC Proces-
sor, please see Section _.
Bit 2 - TxFEAC Enable
This "Read/Write" bit-field allows the user to enable
or disable the Transmit FEAC Processor. The Trans-
mit FEAC Processor will NOT function until it has
been enabled.
Writing a "0" to this bit-field disables the Transmit
FEAC Processor. Writing a "1" to this bit-field en-
ables the Transmit FEAC Processor.
Bit 1 - TxFEAC Go
This bit-field allows the user to invoke the "Transmit
FEAC Message" command. Once this command has
been invoked, the Transmit FEAC Processor will do
the following:
• Encapsulate the 6 bit FEAC code word, from the Tx
DS3 FEAC Register (Address = 0x1D) into a 16 bit
FEAC Message
• Serially transmit this 16-bit FEAC Message to the
far-end receiver via the "outbound" DS3 data-
stream, 10 consecutive times.
NOTE: For more information on the Transmit FEAC Proces-
sor, please see Section _.
Bit 0 - TxFEAC Busy
This "Read-Only" bit-field allows the local µP to "poll"
and determine if the Transmit FEAC Processor has
completed its 10th transmission of the 16-bit FEAC
Message. This bit-field will contain a "1", if the Trans-
mit FEAC Processor is still transmitting the FEAC
Message. This bit-field will toggle to "0", once the
Transmit FEAC Processor has completed its 10th
transmission of the FEAC Message.
NOTE: For more information on the Transmit FEAC Proces-
sor, please see Section _.
2.3.2.47 TxDS3 FEAC Register
)
This register contains a six (6) bit "read/write" field
that allows the user to write in the six-bit FEAC code
word, that he/she wishes to transmit to the "Far End
Receive FEAC Processor", via the outgoing DS3 data
stream. The Transmit FEAC Processor will encapsu-
late this six-bit code into a 16-bit FEAC message, and
will proceed to transmit this message to the "Far End
Receiver" via the FEAC bit-field within each out-going
DS3 frame.
NOTE: For more information on the operation of the Trans-
mit FEAC Processor, please see Section _.
2.3.2.48 TxDS3 LAPD Configuration Register )
Bit 3 - Auto Retransmit
This "Read/Write" bit-field allows the user to config-
ure the LAPD Transmitter to either transmit the LAPD
TX DS3 FEAC REGISER (ADDRESS = 0X32)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxFEAC[5:0]
Not Used
RO
R/WR/W
R/WR/W
R/WR/W
RO
01
111
110
TXDS3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD Msg
Length
TxLAPD
Enable
RO
R/WR/W
R/WR/W
R/WR/W
R/W
00
001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com