Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 166 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 166 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 162Page - Exar Corporation XRT72L13 Datasheet HTML 163Page - Exar Corporation XRT72L13 Datasheet HTML 164Page - Exar Corporation XRT72L13 Datasheet HTML 165Page - Exar Corporation XRT72L13 Datasheet HTML 166Page - Exar Corporation XRT72L13 Datasheet HTML 167Page - Exar Corporation XRT72L13 Datasheet HTML 168Page - Exar Corporation XRT72L13 Datasheet HTML 169Page - Exar Corporation XRT72L13 Datasheet HTML 170Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
154
This “Reset-upon-Read” bit-field indicates whether
the “DS1 Channel 18 Loop-back Request” interrupt
has occurred or not.
This bit-field will be set to “1” if the “DS1 Channel 18
Loop-back Request Interrupt” has occurred since the
last read of this register.
This bit-field will be set to “0” if the “DS1 Channel 18
Loop-back Request” interrupt has NOT occurred
since the last read of this register.
Bit 5 - DS1 Channel 17 Loop-back Request Inter-
rupt Status
This “Reset-upon-Read” bit-field indicates whether
the “DS1 Channel 17 Loop-back Request” interrupt
has occurred or not.
This bit-field will be set to “1” if the “DS1 Channel 17
Loop-back Request Interrupt” has occurred since the
last read of this register.
This bit-field will be set to “0” if the “DS1 Channel 17
Loop-back Request” interrupt has NOT occurred
since the last read of this register.
Bit 4 - DS1 Channel 16 Loop-back Request Inter-
rupt Status
This “Reset-upon-Read” bit-field indicates whether
the “DS1 Channel 16 Loop-back Request” interrupt
has occurred or not.
This bit-field will be set to “1” if the “DS1 Channel 16
Loop-back Request Interrupt” has occurred since the
last read of this register.
This bit-field will be set to “0” if the “DS1 Channel 16
Loop-back Request” interrupt has NOT occurred
since the last read of this register.
Bit 3 - DS1 Channel 19 Loop-back Request Inter-
rupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS1 Channel 19 Loop-back Request”
Interrupt.
Setting this bit to “0” disables this interrupt. Con-
versely, setting this bit to “1” enables this interrupt.
Bit 2 - DS1 Channel 18 Loop-back Request Inter-
rupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS1 Channel 18 Loop-back Request”
Interrupt.
Setting this bit to “0” disables this interrupt. Con-
versely, setting this bit to “1” enables this interrupt.
Bit 1 - DS1 Channel 17 Loop-back Request Inter-
rupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS1 Channel 17 Loop-back Request”
Interrupt.
Setting this bit to “0” disables this interrupt. Con-
versely, setting this bit to “1” enables this interrupt.
Bit 0 - DS1 Channel 16 Loop-back Request Inter-
rupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS1 Channel 16 Loop-back Request”
Interrupt.
Setting this bit to “0” disables this interrupt. Con-
versely, setting this bit to “1” enables this interrupt.
2.3.2.108 M12 DS2 # 5 LoopbackStatus Register
Bit 3 - DS1 Channel # 19 Loop-back Status
This “Read-Only” bit-field indicates whether or not a
loop-back request has been detected for DS1 Chan-
nel # 19.
This bit-field will be set to “1” if a loop-back request
has been detected for DS1 Channel # 19. Converse-
ly, this bit-field will be set to “0” if a loop-back request
has NOT been detected for DS1 Channel # 19.
NOTE: This bit-field is invalid if the XRT72L13 M13 device
is operating in the “ITU-T G.747” Mode.
Bit 2 - DS1 Channel # 18 Loop-back Status
This “Read-Only” bit-field indicates whether or not a
loop-back request has been detected for DS1 Chan-
nel # 18.
This bit-field will be set to “1” if a loop-back request
has been detected for DS1 Channel # 18. Converse-
M12 DS2 # 1 LOOP-BACK STATUS REGISTER (ADDRESS = 0X9C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
DS1
Channel # 19
Loopback
Status
DS1
Channel # 18
Loopback
Status
DS1
Channel # 17
Loopback
Status
DS1
Channel # 16
Loopback
Status
R/O
R/O
R/O
/RO
R/O
R/O
R/O
R/O
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com