Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 217 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 217 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 213Page - Exar Corporation XRT72L13 Datasheet HTML 214Page - Exar Corporation XRT72L13 Datasheet HTML 215Page - Exar Corporation XRT72L13 Datasheet HTML 216Page - Exar Corporation XRT72L13 Datasheet HTML 217Page - Exar Corporation XRT72L13 Datasheet HTML 218Page - Exar Corporation XRT72L13 Datasheet HTML 219Page - Exar Corporation XRT72L13 Datasheet HTML 220Page - Exar Corporation XRT72L13 Datasheet HTML 221Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
205
Bit 3 RxLAPD Any
Bit 2 RxLAPD Enable
This "Read/Write" bit-field allows the user to enable
or disable the LAPD Receiver. The LAPD Receiver
MUST be enabled before it can begin to receive and
process any LAPD Message frames from the incom-
ing DS3 data stream.
Writing a "0" to this bit-field disables the LAPD Re-
ceiver (the default condition). Writing a "1" to this bit-
field enables the LAPD Receiver.
Bit 1 RxLAPD (Message Frame Reception Com-
plete) Interrupt Enable
This "Read/Write" bit-field allows the user to enable
or disable the "LAPD Message Frame Reception
Complete" interrupt. If this interrupt is enabled, then
the UNI will generate this interrupt to the local µP,
once the last bit of a LAPD Message frame has been
received and the PMDL message has been extracted
and written into the "Receive LAPD Message" buffer.
Writing a "0" to this bit-field disables this interrupt (the
default condition). Writing a "1" to this bit-field en-
ables this interrupt.
Bit 0 RxLAPD (Message Reception Complete) In-
terrupt Status
This "Read-Only" bit field indicates whether or not the
"LAPD Message Reception Complete" interrupt has
occurred since the last read of this register. The
"LAPD Message Reception Complete" interrupt will
occur once the LAPD Receiver has received the last
bit of a complete LAPD Message frame, extracted the
PMDL message from this LAPD Message frame and
has written this (PMDL) message frame into the "Re-
ceive LAPD Message" buffer. The purpose of this in-
terrupt is to notify the local µP that the "Receive
LAPD Message" buffer contains a new PMDL mes-
sage, that needs to be read and/or processed.
A "0" in this bit-field indicates that the "LAPD Mes-
sage Reception Complete" interrupt has NOT oc-
curred since the last read of this register. A "1" in this
bit-field indicates that the "LAPD Message Reception
Complete" interrupt has occurred since the last read
of this register.
NOTE: For more information on the LAPD Receiver, please
see Section _.
3.3.2.22 RxDS3 LAPD Status Register
Bit 6 - RxAbort (Receive Abort Sequence)
This "Read-Only" bit-field indicates whether or not the
LAPD Receiver has detected the occurrence of an
"Abort Sequence" (e.g., a string of seven or more
consecutive "1s") from the "far-end" LAPD Transmit-
ter. A "0" in this bit-field indicates that no "Abort-Se-
quence" has been detected. A "1" in this bit-field indi-
cates that the "Abort-Sequence" has been detected.
NOTE: For more information on the LAPD Receiver, please
see Section _.
Bits, 5 and 4 - RxLAPDType[1, 0]
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Any
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
RO
R/W
R/W
RUR
0
0000
000
RXDS3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxAbort
RxLAPDType[1:0}
RxCR Type
RxFCS Error
End of
Message
Flag Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com