Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 216 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 216 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 212Page - Exar Corporation XRT72L13 Datasheet HTML 213Page - Exar Corporation XRT72L13 Datasheet HTML 214Page - Exar Corporation XRT72L13 Datasheet HTML 215Page - Exar Corporation XRT72L13 Datasheet HTML 216Page - Exar Corporation XRT72L13 Datasheet HTML 217Page - Exar Corporation XRT72L13 Datasheet HTML 218Page - Exar Corporation XRT72L13 Datasheet HTML 219Page - Exar Corporation XRT72L13 Datasheet HTML 220Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
204
3.3.2.19 RxDS3 FEAC Register
This "Read/Write" register contains the latest 6-bit
FEAC code that has been "validated" by the Receive
FEAC Processor. The contents of this register will be
cleared if the previously "validated" code has been
"removed" by the FEAC Processor.
3.3.2.20 RxDS3 FEAC Interrupt Enable/Status
Register
Bit 4 - FEAC Valid
This "Read Only" bit is set to "1" when an incoming
FEAC Message Code has been validated by the Re-
ceive DS3 Framer. This bit is cleared to "0" when the
FEAC code is removed.
NOTE: For more information on the role of this bit-field and
the Receive FEAC Processor, please see Section _.
Bit 3 - RxFEAC Remove Interrupt Enable
This "Read/Write" bit-field allows the user to enable/
disable the "RxFEAC Removal" interrupt. Writing a
"1" to this bit enables this interrupt. Likewise, writing
a "0" to this bit-field disables this interrupt.
NOTE: For more information on the role of this bit-field and
the Receive FEAC Processor, please see Section _.
Bit 2 - RxFEAC Remove Interrupt Status
A "1" in this "Read Only" bit-field indicates that the
last "validated" FEAC Message has now been re-
moved by the Receive FEAC Processor. The Re-
ceive FEAC Processor will remove a validated FEAC
message if 3 out of the last 10 received FEAC mes-
sages differ from the latest valid FEAC Message.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section _.
Bit 1 - RxFEAC Valid Interrupt Enable
This "Read/Write" bit-field allows the user to enable/
disable the "Rx FEAC Valid" interrupt. Writing a "1" to
this bit-field enables this interrupt. Whereas, writing a
"0" disables this interrupt. The value of this bit-field is
"0" following power up or reset.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section _.
Bit 0 - RxFEAC Valid Interrupt Status
A "1" in this "Read Only" bit-field indicates that a new-
ly received FEAC Message has been validated by the
Receive FEAC Processor.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section _.
3.3.2.21 RxDS3 LAPD Control Register
RXDS3 FEAC REGISTER (ADDRESS = 0X16)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxFEAC[5:0]
Not Used
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
01
111
110
RXDS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FEAC Valid
RxFEAC
Remove
Interrupt
Enable
RxFEAC
Remove
Interrupt
Status
RxFEAC
Valid
Interrupt
Enable
RxFEAC
Valid
Interrupt
Status
R/O
R/O
R/O
R/O
R/W
RUR
R/W
RUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com