Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 212 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 212 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 208Page - Exar Corporation XRT72L13 Datasheet HTML 209Page - Exar Corporation XRT72L13 Datasheet HTML 210Page - Exar Corporation XRT72L13 Datasheet HTML 211Page - Exar Corporation XRT72L13 Datasheet HTML 212Page - Exar Corporation XRT72L13 Datasheet HTML 213Page - Exar Corporation XRT72L13 Datasheet HTML 214Page - Exar Corporation XRT72L13 Datasheet HTML 215Page - Exar Corporation XRT72L13 Datasheet HTML 216Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
200
M13 device) is currently declaring an “OOF” (Out of
Frame) condition.
If this bit-field is set to “0”, then the “Receive DS3
Framer” block (of the chip) is currently not declaring
the “OOF” condition.
If this bit-field is set to “1”, then the “Receive DS3
Framer block is currently declaring the “OOF” condi-
tion.
NOTE: For more information on the “OOF” and “In-Frame”
Declaration Criteria (for DS3) please see Section _.
Bit 2 - Framing On Parity ON/OFF Select
This “Read/Write” bit-field permits the user to require
that the “Receive DS3 Framer” block include P-Bit
Verification as a condition for declaring itself “In-
Frame”, during “Frame Acquisition”.
This feature also imposes an additional “Frame Main-
tenance” requirement on the “Receive DS3 Framer”
block. In particular, if this additional requirement is
implemented, the “Receive DS3 Framer” block will
perform a frame search if it detects P-bit errors in at
least 2 out of 5 DS3 frames.
Setting this bit-field to “1” imposes this additional re-
quirement.
Conversely, setting this bit-field to “0” configures the
“Receive DS3 Framer” block to waive this require-
ment.
NOTE: For more information on “Framing with Parity”,
please see Section _.
Bit 1 - FSync Algo(rithm) Select
This “Read/Write” bit-field, in conjunction with Bits 0
and 2 of this register, allows the user to completely
define the “Frame Maintenance” criteria of the “Re-
ceive DS3 Framer” block (within the chip). This par-
ticular bit-field permits the user to define the “Frame
Maintenance” criteria, as it applies to F-bits.
Setting this bit-field to “0” configures the “Receive
DS3 Framer” block to declare an “OOF” (Out of
Frame” condition) if it determines that 6 out of the last
16 F-bits are in error.
Setting this bit-field to “1” configures the “Receive
DS3 Framer” block to declare an “OOF” (Out of
Frame” condition) if it determines that 3 out of the last
16 F-bits are in error.
Bit 0 - MSync Algo(rithm) Select
This “Read/Write” bit-field, in conjunction with Bits 1
and 2 of this register, allows the user to completely
define the “Frame Maintenance” criteria of the “Re-
ceive DS3 Framer” block (within the chip). This par-
ticular bit-field permits the user to define the “Frame
Maintenance” criteria, as it applies to M-bits.
Setting this bit-field to “0” configures the “Receive
DS3 Framer” block to ignore the occurrence of M-bit
errors.
Setting this bit-field to “1” configures the “Receive
DS3 Framer” block to declare an “OOF” condition if it
determines that 3 out of 4 M-bits are in error.
3.3.2.15 RxDS3 Status Register
Bit 4 - RxFERF (Far-End Receive Failure) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is declaring a FERF (Far-End Receive
Failure) condition.
If this bit-field is set to “0”, then the “Receive DS3
Framer” block (of the chip) is currently not declaring
an LOS condition.
Conversely, if this bit-field is set to “1”, then the “Re-
ceive DS3 Framer” block is currently declaring an
LOS condition.
NOTE: For more information how the “Receive DS3 Framer”
block declares a “FERF” condition, please see Section _.
Bit 3 - RxAIC (Application Identification Channel) indi-
cator
This “Read-Only” bit-field reflects the value of the AIC
bit-field, within the incoming DS3 frames, as detected
by the “Receive DS3 Framer” block.
RX DS3 STATUS REGISTER (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Not Used
Not Used
RxFERF
RxAIC
RxFEBE[2]
RxFEBE[1]
RxFEBE[0]
R/O
R/W
R/W
R/O
R/O
R/O
R/O
R/O
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com