Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 210 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 210 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 206Page - Exar Corporation XRT72L13 Datasheet HTML 207Page - Exar Corporation XRT72L13 Datasheet HTML 208Page - Exar Corporation XRT72L13 Datasheet HTML 209Page - Exar Corporation XRT72L13 Datasheet HTML 210Page - Exar Corporation XRT72L13 Datasheet HTML 211Page - Exar Corporation XRT72L13 Datasheet HTML 212Page - Exar Corporation XRT72L13 Datasheet HTML 213Page - Exar Corporation XRT72L13 Datasheet HTML 214Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
198
Bits 6 thru 0 - RxDS2 AIS Channel [6:0]
These seven (7) “Read/Write” bit-fields permits the
user to specify which “inbound” DS2 channel (which
is demultiplexed from the inbound DS3 channel) will
carry an AIS (All Ones) pattern.
For example, setting “Bit 5” (within this register) to “1”
configures the XRT72L13 M13 device to overwrite the
contents of the de-multiplexed DS2 channel (corre-
sponding to channel 5) with the AIS (All Ones) pat-
tern.
Setting “Bit 5” to “0” configures the “Receive” DS2
Channel 5 to carry normal traffic (as de-multiplexed
from the inbound DS3 data stream).
3.3.2.13 DS3 Test Register
Bit 6 - Rx Payload Clock Enable
This “Read/Write” bit-field permits the user to config-
ure the “Receive Payload Data Output Interface” (of
the XRT72L13 M13 device) to generate either (a) a
gapped-serial clock signal or (b) an ungapped-serial
clock, along with an “RxOHInd” output signal.
Setting this bit-field to “0” configures the XRT72L13 to
generate an ungapped (44.736MHz) clock sjgnal via
the “RxClk” output pin, and to pulse the “RxOHInd”
output pin, coincident with an Overhead bit being out-
put via the “RxSer” output pin.
Setting this bit-field to “1” configures the XRT72L13 to
generate a gapped clock signal (e.g., a clock edge for
each payload bit) via the “RxOHInd” output pin.
NOTE: This feature is only applicable if the XRT72L13 has
been configured to operate in the “DS3 Clear Channel
Framer” Mode.
Bit 5 - Tx Payload Clock Enable
This “Read/Write” bit-field permits the user to config-
ure the “Transmit Payload Data Input Interface” (or
the XRT72L13 M13 device) to generate either (a) a
gapped-serial clock signal or (b) an ungapped-serial
clock, along with the “TxOHInd” output signal.
Setting this bit-field to “0” configurese the XRT72L13
to accept an ungapped clock (44.736MHz) signal via
the “TxInClk” input pin (or to output an ungapped
clock signal via the “RxOutClk” output pin). Further,
in this mode, the XRT72L13 will pulse the “TxOHInd”
output pin one bit period prior to the processing of an
overhead bit.
Setting this bit-field to “1” configures the XRT72L13 to
generate a gapped clock signal (e.g., a clock edge for
each payload bit) via the “TxOHInd” output pin.
NOTE: This feature is only applicable if the XRT72L13 has
been configured to operate in the “DS3 Clear Channel
Framer” Mode.
Bit 4 - Rx PRBS Lock Indicator
This “Read-Only” bit-field indicates whether or not the
“PRBS Checker/Receiver has acquired “PRBS Lock”
with the payload portion of the “inbound” DS3 data
stream.
M23 RX DS2 AIS REGISTER (ADDRESS = 0X0B)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxDS2 AIS
Channel 6
RxDS2 AIS
Channel 5
RxDS2 AIS
Channel 4
RxDS2 AIS
Channel 3
RxDS2 AIS
Channel 2
RxDS2 AIS
Channel 1
RxDS2 AIS
Channel 0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
DS3 TEST REGISTER (ADDRESS = 0X0C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx Payload
Clock
Enable
Tx Payload
Clock
Enable
Rx PRBS
Lock
Indicator
Rx PRBS
Enable
Tx PRBS
Enable
Rx DS3
Bypass
Tx DS3
Bypass
R/O
R/W
R/W
R/O
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com