Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 207 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 207 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 203Page - Exar Corporation XRT72L13 Datasheet HTML 204Page - Exar Corporation XRT72L13 Datasheet HTML 205Page - Exar Corporation XRT72L13 Datasheet HTML 206Page - Exar Corporation XRT72L13 Datasheet HTML 207Page - Exar Corporation XRT72L13 Datasheet HTML 208Page - Exar Corporation XRT72L13 Datasheet HTML 209Page - Exar Corporation XRT72L13 Datasheet HTML 210Page - Exar Corporation XRT72L13 Datasheet HTML 211Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
195
Bit 5 - RxDS1Clk Gapped (CRC-32) Select
The exact functionality of this bit-field depends upon
whether the user is operating the XRT72L13 in the
“M13-Channelized” or in the “High Speed HDLC Con-
troller” Mode.
M13-Channelized Mode - RxDS1 Gapped Clock
Select
In the “M13-Channelized” Mode, then this bit-field
permits the user to either enable or disable the 28
Digital PLL blocks within the XRT72L13 M13 device.
Setting this bit-field to “0” enables all 28 of these Dig-
ital PLL blocks. In this mode, all 28 (or 21) of the
RxDS1Clk and RxDS1Data output signals will be
smoothed by an internal Digital PLL. This permits the
user to interface the “Receive DS1/E1” Output inter-
face to an external DS1 or E1 LIU IC.
Setting this bit-field to “1” disables all 28 of these Dig-
ital PLL blocks. In this mode, all 28 (or 21) of the
RxDS1Clk and RxDS1Data output signals will NOT
be smoothed by an internal Digital PLL, and will con-
tain gaps.
HDLC Controller Mode - CRC16/32 Select
In the “High Speed HDLC Controller” Mode, this bit-
field permits the user to configure the XRT72L13 to
compute and verify a CRC-16 or CRC-32 value within
the HDLC frame.
Setting this bit-field to “0” configures the XRT72L13 to
compute and verify a CRC-16 value in each HDLC
frame.
Setting this bit-field to “1” configures the XRT72L13 to
compute and verify a CRC-32 value in each HDLC
frame.
Bit 4 - M13 Disable
This bit-field along with “Payload HDLC Controller En-
able” (bit 6) pemits the user to specify whether the
XRT72L13 M13 device is to operate in either of the
following modes.
• The “M13/Channelized” Mode
• The “DS3 Clear Channel Framer” Mode
• The “High Speed HDLC Controller” Mode.
The relationship between these two bit-fields and the
resulting operating operating mode of the XRT72L13
M13 device is tabulated below.
Bit 3 - M13Loopback/Remote Loopback
The exact functionality of this bit-field depends upon
whether the user is operating the XRT72L13 in the
“M13-Channelized” or in the “High Speed HDLC Con-
troller” Mode.
M13-Channelized Mode - M13 Loopback Select
If the XRT72L13 is operating in the “M13 Channel-
ized” Mode, then this bit-field functions as the “M13
Loopback” select bit-field.
Setting this bit-field to “0” disables the “M13 Loop-
back” Mode. In this mode, the Receive M13 Block will
accept data from the Rx DS3 Framer block (Normal
Operation).
PAYLOAD HDLC
CONTROLLER
ENABLE
M13 DISABLE
RESULTING
OPERATING MODE
0
0
M13/
Channelized
Mode
0
1
DS3 Clear
Channel Framer
Mode
1
0
M13/
Channelized
Mode
1
1
High Speed
HDLC Controller
Mode
PAYLOAD HDLC
CONTROLLER
ENABLE
M13 DISABLE
RESULTING
OPERATING MODE
00
M13/
Channelized
Mode
0
1
DS3 Clear
Channel Framer
Mode
10
M13/
Channelized
Mode
1
1
High Speed
HDLC Controller
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com