Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 203 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 203 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 199Page - Exar Corporation XRT72L13 Datasheet HTML 200Page - Exar Corporation XRT72L13 Datasheet HTML 201Page - Exar Corporation XRT72L13 Datasheet HTML 202Page - Exar Corporation XRT72L13 Datasheet HTML 203Page - Exar Corporation XRT72L13 Datasheet HTML 204Page - Exar Corporation XRT72L13 Datasheet HTML 205Page - Exar Corporation XRT72L13 Datasheet HTML 206Page - Exar Corporation XRT72L13 Datasheet HTML 207Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
191
These two “Read/Write” bit-fields permits the user to
select both a “Framing Reference” and a “Timing Ref-
erence” for the Transmit Section of the
XRT72L1372L13. The following table relates the
states of the two-fields to the selected “Framing” and
“Timing” references.
NOTE: For more information on Framing and Timing Refer-
ences, please see Section _.
3.3.2.2
I/O Control Register
Bit 7 - Disable TxLOC
Bit 6 - LOC (Loss of Clock) Indicator
Bit 5 - Disable RxLOC
Bit 4 - AMI/B3ZS* Line Code Select
This “Read/Write” bit-field pemits the user to config-
ure the XRT72L13 M13 device to transmit and re-
ceive data via the AMI (Alternate Mark Inversion) line
code or via the B3ZS (Bipolar 3 Zero Substitution)
line code.
Setting this bit-field to “0” configures the XRT72L13
M13 device to transmit and receive data (via the DS3
Framer block) via the B3ZS format. Setting this bit-
field to “1” configures the XRT72L13 M13 device to
transmit and receive data via the AMI line code.
Bit 3 - Single-Rail/Dual-Rail Select
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 device to operate in the “Sin-
gle-Rail” or “Dual-Rail” format.
Setting this bit-field to “0” configures the XRT72L13 to
operate in the “Dual-Rail” Mode. In this mode, the
“Transmit Section” of the XRT72L13 M13 device will
output data to the LIU via the “TxPOS” and “TxNEG”
output pins. Additionally, the “Receive Section” of the
device will receive data from the LIU via “RxPOS” and
“RxNEG” input pins.
Setting this bit-field to “1” configures the XRT72L13 to
operate in the “Single-Rail” Mode. In this mode, the
“Transmit Section” of the XRT72L13 M13 device will
output data to the LIU, in a binary data stream man-
ner via the “TxPOS” output pin. Additionally, the “Re-
ceive Section” of the device will receive data from the
LIU, in a binary data stream manner, via the RxPOS
input pin.
Bit 2 - TxClkInv
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 device to output data, via the
“TxPOS” and “TxNEG” output pins, upon the “rising”
or “falling” edge of “TxLineClk”.
Setting this bit-field to “0” configures the XRT72L13
M13 device to output data via the “TxPOS” and “Tx-
NEG” output pins, on the “rising” edge of “TxLineClk”.
Setting this bit-field to “1” configures the XRT72L13
M13 device to output data via the “TxPOS” and “Tx-
NEG” output pins, on the “falling” edge of “TxLineClk”.
Bit 1 - RxClkInv
TIMREFSEL[1:0]
FRAMING REFERENCE
TIMING REFERENCE
00
Asynchronous
RxLineClk Input signal
01
TxFrameRef
RxLineClk Input signal
10
Asynchronous
TxInClk Input
signal
11
Asynchronous
TxInClk Input
signal
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/B3ZS*
Line Code
Single-Rail/
Dual-Rail*
TxClkInv
RxClkInv
Reframe]
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
1
0100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com