Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 202 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 202 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 198Page - Exar Corporation XRT72L13 Datasheet HTML 199Page - Exar Corporation XRT72L13 Datasheet HTML 200Page - Exar Corporation XRT72L13 Datasheet HTML 201Page - Exar Corporation XRT72L13 Datasheet HTML 202Page - Exar Corporation XRT72L13 Datasheet HTML 203Page - Exar Corporation XRT72L13 Datasheet HTML 204Page - Exar Corporation XRT72L13 Datasheet HTML 205Page - Exar Corporation XRT72L13 Datasheet HTML 206Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
190
Bit 7 - Local Loop-back Mode
This bit-field permits the user to configure the
XRT72L13 M13 device to operate in the “Local Loop-
back” Mode.
Setting this bit-field to “1” configures the XRT72L13
M13 chip to operate in the “Local Loopback” Mode.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to not operate in the “Local Loopback”
Mode.
Bit 6 - Line Loopback Mode
This bit-field permits the user to configure the
XRT72L13 M13 device to operate in the “Line Loop-
back” Mode.
Setting this bit-field to “1” configures the XRT72L13
M13 chip to operate in the “Line Loopback” Mode.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to not operate in the “Line Loopback” Mode.
Bit 5 - Internal LOS Enable
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 chip to either declare an LOS
(Loss of Signal) condition, based upon the “Internal
Circuit’s” criteria or not.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to NOT declare an LOS condition, based
upon its own internal criteria.
Setting this bit-field to “1” configures the XRT72L13
LOS condition, based upon its own internal criteria.
NOTES:
1. The XRT72L13 M13 chip will declare an “LOS”
condition anytime the RLOS input pin is set “high”
independent of the setting of this bit-field.
2. For more information on the XRT72L13 M13 chip’s
“internal criteria” for “Loss of Signal” please see
Section _.
Bit 4 - RESET
This “Read/Write” bit-field permits the user to com-
mand the XRT72L13 M13 chip into a software reset
state. If the XRT72L13 M13 chip is commanded into
the “RESET” state, all of its internal register bits will
automatically be set to their default condition.
The user can configure the XRT72L13 to operate in
the “RESET” state by inducing a “0” to “1” transition in
this bit-field.
Bit 3 - Interrupt Enable RESET
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 chip to automatically disable
all Interrupts that are activated.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to NOT disable the Interrupt Enable Status”
of any interrupt following their activation.
Setting this bit-field to “1” configures the XRT72L13
M13 to disable the Interrupt Enable Status” of any in-
terrupt following their activation.
For more information on this feature, please see Sec-
tion _.
Bit 2 - Frame Format Select
This “Read/Write” bit-field permits the user to select
the Framing format that the XRT72L13 M13 device
will be operating in.
Setting this bit-field to “0” configures the XRT72L13
M13 device to operate in the C-Bit Parity Framing
Format.
Setting this bit-field to “1” configures the XRT72L13
M13 device to operate in the M13 Framing Format.
Bits 1 and 0 - TimRefSel[1:0] - Timing Reference
Select
OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Local Loop-
back Mode
Line Loop-
back Mode
Internal LOS
Enable
RESET
Interrupt
Enable
RESET
Frame Format TimRefSel[1]
TimRefSel[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
101
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com