Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 199 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 199 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 195Page - Exar Corporation XRT72L13 Datasheet HTML 196Page - Exar Corporation XRT72L13 Datasheet HTML 197Page - Exar Corporation XRT72L13 Datasheet HTML 198Page - Exar Corporation XRT72L13 Datasheet HTML 199Page - Exar Corporation XRT72L13 Datasheet HTML 200Page - Exar Corporation XRT72L13 Datasheet HTML 201Page - Exar Corporation XRT72L13 Datasheet HTML 202Page - Exar Corporation XRT72L13 Datasheet HTML 203Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
187
B.2
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT72L13 DS3 Framer
will indicate that this data is ready to be read by
asserting the Rdy_Dtck (DTACK*) signal.
B.3
After the µC/µP detects the Rdy_Dtck signal
(from the XRT72L13 DS3 Framer), it terminates
the "Read" cycle by toggling the Rd_DS (Data
Strobe) input pin "high".
For subsequent read operations, within this burst cy-
cle, the µC/µP simply repeats steps B.1 through B.3,
as illustrated in Figure 56 .
3.2.2.2.2.1.3
Terminating the Burst Access
Operation
The Burst I/O Access will be terminated upon the fall-
ing edge of the ALE_AS input signal. At this point the
Framer will cease to internally increment the "latched"
address value. Further, the µC/µP is now free to exe-
cute either a "Programmed I/O" access or to start an-
other "Burst Access" Operation with the XRT72L13
DS3 Framer.
3.2.2.2.2.2
The "Motorola-Mode" Write Burst
Access
Whenever a "Motorola-type" µC/µP wishes to write
the contents of numerous registers or buffer locations
over a "contiguous" range of addresses, then it
should do the following.
a. Perform the initial "write" operation; of the burst
access.
b. Perform the remaining "write" operations, of the
burst access.
c. Terminate the burst access operation.
Each of these "operations" within the burst access
are described below.
3.2.2.2.2.2.1
The Initial Write Operation
The initial write operation of a "Motorola-type" Write
Burst Access is accomplished by executing a "Pro-
grammed I/O Write Cycle" as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Write cycle, as described in Steps A.1
through A.7 below.
A.1
Assert the ALE_AS (Address Strobe) input pin
by toggling it "low". This step enables the
Address Bus input drivers (within the
XRT72L13 DS3 Framer).
A.2
Place the address of the "initial" target register
or buffer location (within the Framer), on the
Address Bus input pins, A[8:0].
A.3
At the same time, the Address-Decoding cir-
cuitry (within the user's system) should assert
the CS* input pin of the Framer by toggling it
"low". This step enables further communication
between the µC/µP and the Framer Micropro-
cessor Interface block.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time), the µC/µP should toggle the
ALE_AS input pin "high". This step causes the
Framer device to "latch" the contents of the
"Address Bus" into its own circuitry. At this
FIGURE 56. BEHAVIOR THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT "READ" OPERATIONS
WITHIN THE
BURST I/O CYCLE (MOTOROLA-TYPE µC/µP)
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid Data at Offset =0x01
WRB_RW
Not Valid
Valid Data at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com