Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 196 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 196 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 192Page - Exar Corporation XRT72L13 Datasheet HTML 193Page - Exar Corporation XRT72L13 Datasheet HTML 194Page - Exar Corporation XRT72L13 Datasheet HTML 195Page - Exar Corporation XRT72L13 Datasheet HTML 196Page - Exar Corporation XRT72L13 Datasheet HTML 197Page - Exar Corporation XRT72L13 Datasheet HTML 198Page - Exar Corporation XRT72L13 Datasheet HTML 199Page - Exar Corporation XRT72L13 Datasheet HTML 200Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
184
address of the "burst access" has now been
selected.
NOTE: The ALE_AS input pin should remain "low" for the
remainder of this "Burst I/O Access" operation.
A.5
Next, the µC/µP should indicate that this cur-
rent bus cycle is a "Write" operation by keeping
the Rd_DS pin "high" and toggling the WR_RW
(Write Strobe) pin "low". This action also
enables the "bi-directional" data bus input driv-
ers of the Framer device.
A.6
The µC/µP places the byte (or word) that it
intends to write into the "target" register on the
"bi-directional data" bus, D[7:0].
A.7
After waiting the appropriate amount of time, for
the data (on the bi-directional data bus) to set-
tle, the µC/µP should toggle the WR_RW (Write
Strobe) input pin "high". This action accom-
plishes two things.
a. It latches the contents of the bi-directional data
bus into the XRT72L13 DS3 Framer Microproces-
sor Interface Block.
b. It terminates the write cycle.
Figure 53 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during the "initial" write operation within a Burst Ac-
cess, for an "Intel-type" µC/µP.
At the completion of this initial write cycle, the µC/µP
has written a byte or word into the first register or
buffer location (within the XRT72L13 DS3 Framer) for
this particular burst access operation. In order to il-
lustrate this point, the byte (or word) of data, that is
being written in Figure 53 has been labeled "Data to
be Written (Offset = 0x00)".
3.2.2.2.1.2.2
The Subsequent Write Operations
The procedure that the µC/µP must use to perform
the remaining write cycles, within this burst access
operation, is presented below.
B.0
Execute each subsequent write cycle, as
described in steps B.1 through B.3.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "low"); apply the value of the next
byte or word (to be written into the Framer) to
the bi-directional data bus pins, D[7:0].
FIGURE 53. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE "INITIAL" WRITE OPERATION
OF A
BURST CYCLE (INTEL-TYPE PROCESSOR)
ALE_AS
A[8:0]
CS*
D[7:0]
WRB_RW
Data to be Written (Offset = 0x00)
Address of “Initial” Target Register (Offset = 0x00)
RdB_DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com