| Electronic Components Datasheet Search |
|
XRT72L13 Datasheet(PDF) 193 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L13 Datasheet(HTML) 193 Page - Exar Corporation |
|
193 / 370 page ![]() áç áç áç áç XRT72L13 M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC PRELIMINARY REV. P1.0.6 181 A.2 While the µC/µP is placing this address value onto the Address Bus, the Address Decoding circuitry (within the user's system) should assert the CS* input pin of the Framer, by tog- gling it "low". This step enables further commu- nication between the µC/µP and the Framer Microprocessor Interface block. A.3 Assert the ALE_AS (Address Latch Enable) pin by toggling it "high". This step enables the "Address Bus" input drivers, within the Micro- processor Interface block of the Framer. A.4 After allowing the data on the Address Bus pins to settle (by waiting the appropriate "Address" Data Setup time"), the µC/µP should then tog- gle the ALE_AS pin "low". This step latches the contents, on the Address Bus pins, A[8:0], into the XRT72L13 DS3 Framer Microproces- sor Interface block. At this point, the "initial" address of the burst access has now been selected. NOTE: The ALE_AS input pin should remain "low" for the remainder of this "Burst Access" operation. A.5 Next, the µC/µP should indicate that this cur- rent bus cycle is a "Read" Operation by tog- gling the Rd_DS (Read Strobe) input pin "low". This action also enables the "bi-directional" data bus output drivers of the Framer device. At this point, the bi-directional data bus output drivers will proceed to drive the contents of the "addressed" register onto the "bi-directional" data bus, D[7:0]. A.6 Immediately after the µC/µP toggles the "Read Strobe" signal "low", the Framer device will tog- gle the Rdy_Dtck (READY) output pin "low". The Framer device does this in order to inform the µC/µP that the data (to be read from the data bus) is "NOT READY" to be latched into the µC/µP. A.7 After some settling time, the data on the "bi- directional" data bus will stabilize and can be read by the µC/µP. The XRT72L13 DS3 Framer will indicate that this data is ready to be read, by toggling the Rdy_Dtck (Ready) signal "high". A.8 After the µC/µP detects the Rdy_Dtck signal (from the XRT72L13 DS3 Framer IC), it can then will terminate the "Read" cycle by toggling the Rd_DS (Read Strobe) input pin "high". Figure 51 presents an illustration of the behavior of the Microprocessor Interface Signals, during the "ini- tial" Read Operation, within a Burst I/O Cycle; for an Intel-type µC/µP. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |