Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 191 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 191 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 187Page - Exar Corporation XRT72L13 Datasheet HTML 188Page - Exar Corporation XRT72L13 Datasheet HTML 189Page - Exar Corporation XRT72L13 Datasheet HTML 190Page - Exar Corporation XRT72L13 Datasheet HTML 191Page - Exar Corporation XRT72L13 Datasheet HTML 192Page - Exar Corporation XRT72L13 Datasheet HTML 193Page - Exar Corporation XRT72L13 Datasheet HTML 194Page - Exar Corporation XRT72L13 Datasheet HTML 195Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
179
3.2.2.1.2.2
The Motorola Mode Write Cycle
Whenever a Motorola-type µC/µP wishes to write a
byte or word of data into a register or buffer location,
within the Framer, it should do the following.
1. Assert the ALE_AS (Address Select) input pin by
toggling it "low". This step enables the "Address
Bus" input drivers (within the Framer chip).
2. Place the address of the "target" register or buffer
location (within the Framer), on the Address Bus
input pins, A[8:0].
3. While the µC/µP is placing this address value
onto the Address Bus, the Address-Decoding cir-
cuitry (within the user's system) should assert the
CS* (Chip Select) input pins of the Framer by tog-
gling it "low". This step enables further communi-
cation between the µC/µP and the Framer Micro-
processor Interface block.
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time), the µC/µP should toggle the
ALE_AS input pin "high". This step causes the
Framer device to "latch" the contents of the
"Address Bus" into its own circuitry. At this point,
the Address of the register or buffer location
(within the Framer), has now been selected.
5. Further, the µC/µP should indicate that this cur-
rent bus cycle is a "Write" operation by toggling
the WR_RW (R/W*) input pin "low".
6. The µC/µP should then place the byte or word
that it intends to write into the "target" register, on
the bi-directional data bus, D[7:0].
7. Next, the µC/µP should initiate the bus cycle by
toggling the Rd_DS (Data Strobe) input pin "low".
When the XRT72L13 DS3 Framer senses that
the WR_RW (R/W*) input pin is "high" and that
the Rd_DS (Data Strobe) input pin has toggled
"low", it will enable the "input drivers" of the bi-
directional data bus, D[7:0].
8. After waiting the appropriate time, for this newly
placed data to settle on the bi-directional data
bus (e.g., the "Data Setup" time) the Framer will
assert the Rdy_Dtck output signal.
9. After the µC/µP detects the Rdy_Dtck signal
(from the Framer), the µC/µP should toggle the
Rd_DS input pin "high". This action accom-
plishes two things.
a. It latches the contents of the bi-directional data
bus into the XRT72L13 DS3 Microprocessor
Interface block.
b. It terminates the "Write" cycle.
Figure 50 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during a "Motorola-type" Programmed I/O Write Op-
eration.
FIGURE 49. ILLUSTRATION OF THE BEHAVIOR OF MICROPROCESSOR INTERFACE SIGNALS, DURING A "MOTOROLA-
TYPE
" PROGRAMMED I/O READ OPERATION
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid Data
Address of Target Register
WRB_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com