Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 187 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 187 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 183Page - Exar Corporation XRT72L13 Datasheet HTML 184Page - Exar Corporation XRT72L13 Datasheet HTML 185Page - Exar Corporation XRT72L13 Datasheet HTML 186Page - Exar Corporation XRT72L13 Datasheet HTML 187Page - Exar Corporation XRT72L13 Datasheet HTML 188Page - Exar Corporation XRT72L13 Datasheet HTML 189Page - Exar Corporation XRT72L13 Datasheet HTML 190Page - Exar Corporation XRT72L13 Datasheet HTML 191Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
175
3.2
INTERFACING THE XRT72L13 DS3 FRAMER TO
THE
LOCAL µC/µP OVER VIA THE MICROPROCES-
SOR
INTERFACE BLOCK
The Microprocessor Interface block, within the Fram-
er is very flexible and provides the following options to
the user.
• To interface the Framer to a µC/µP over an 8-bit
wide bi-directional data bus.
• To interface the Framer to an Intel-type or Motorola-
type µC/µP.
• To transfer data (between the Framer IC and the
µC/µP) via the Programmed I/O or Burst Mode
Each of the options are discussed in detail below.
Section 3.2.1 will discussed the issues associated
with interfacing the Framer to a µC/µP over an 8-bit
bi-directional data bus. Afterwards, Section 3.2.2 will
discuss Data Access (e.g., Programmed I/O and
Burst) Mode when interfaced to both Motorola-type
and Intel-type µC/µP.
3.2.1
Interfacing the XRT72L13 DS3 Framer to
the Microprocessor over an 8 bit wide bi-direc-
tional Data Bus
The XRT72L13 DS3 Framer Microprocessor Interface
permits the user to interface it to a µC/µP over an 8
wide bi-directional data bus.
3.2.1.1
Interfacing the Framer to the µC/µP
over an 8-bit wide bi-directional data bus.
In general, interfacing the Framer to an "8-bit" µC/µP
is quite straight-forward. This is because most of the
registers, within the Framer, are 8-bits wide. Further,
in this mode, the µC/µP can read or write data into
both even and odd numbered addresses within the
Framer address space.
Reading Performance Monitor (PMON) Registers
The only awkward issue that the user should be wary
of (while operating in the "8-bit" mode) occurs when-
ever the µC/µP needs to read the contents of one of
the PMON (Performance Monitor) registers.
The XRT72L13 DS3 Framer consists of the following
PMON Registers.
• PMON LCV Event Count Register
• PMON Framing Error Event Count Register
• PMON Received FEBE Event Count Register
• PMON Parity Error Event Count Register
• PMON Received Single-Bit HEC Error Count Reg-
ister
• PMON Received Multiple-Bit HEC Error Count
Register
• PMON Received Idle Cell Count Register
• PMON Received Valid Cell Count Register
• PMON Discarded Cell Count Register
• PMON Transmitted Idle Cell Count Register
• PMON Transmitted Valid Cell Count Register.
Unlike most of the registers within the Framer, the
PMON registers are "16-bit" registers (or 16-bits
wide). Table 4 lists each of these PMON registers as
consisting of two 8-bit registers. One of these "8-bit"
register is labeled "MSB" (or Most Significant Byte")
TABLE 8: PIN DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS WHILE THE MICROPROCESSOR
INTERFACE IS OPERATING IN THE MOTOROLA MODE
PIN NAME
EQUIVALENT PIN
IN
MOTOROLA
ENVIRONMENT
TYPE
DESCRIPTION
ALE_AS
AS*
I
Address Strobe: This "active-low" signal is used to latch the contents on the
address bus input pins: A[8:0] into the Microprocessor Interface circuitry. The
contents of the Address Bus are latched into the UNI device on the rising edge of
the ALE_AS signal. This signal can also be used to indicate the start of a burst
cycle.
Rd_DS
DS*
I
Data Strobe: This signal latches the contents of the bi-directional data bus pins
into the Addressed Register (within the UNI) during a Write Cycle.
WR_RW
R/W*
I
Read/Write* Input: When this pin is "high", it indicates a Read Cycle. When this
pin is "low", it indicates a Write cycle.
Rdy_Dtck
DTACK*
O
Data Transfer Acknowledge: The UNI device asserts DTACK* in order to inform
the CPU that the present READ or WRITE cycle is nearly complete. The 68000
family of CPUs requires this signal from its peripheral devices, in order to quickly
and properly complete a READ or WRITE cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com