Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 183 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 183 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 179Page - Exar Corporation XRT72L13 Datasheet HTML 180Page - Exar Corporation XRT72L13 Datasheet HTML 181Page - Exar Corporation XRT72L13 Datasheet HTML 182Page - Exar Corporation XRT72L13 Datasheet HTML 183Page - Exar Corporation XRT72L13 Datasheet HTML 184Page - Exar Corporation XRT72L13 Datasheet HTML 185Page - Exar Corporation XRT72L13 Datasheet HTML 186Page - Exar Corporation XRT72L13 Datasheet HTML 187Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
171
This “Read/Write” bit-field permits the user to enable
or disable the “DS2 Far-End Receive Failure” Inter-
rupt.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Bit 2 - DS2 RED Alarm Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS2 RED Alarm” Interrupt.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Bit 1 - DS2 AIS Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS2 AIS” Interrupt.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Bit 0 - DS2 RESV Interrupt Enable.
To be provided in the next update.
2.3.2.132 DS2 # 7 Framer Interrupt Register
2.3.2.133 DS2 # 7 Framer Status Register
Bit 5 - DS2 COFA (Change of Framing Alignment)
Status
This “Read-Only” bit-field reflects the current “COFA”
status of DS2 Channel # 7.
This bit-field will be set to “0” is there is no “Change of
Framing Alignment” in DS2 Channel # 7. Converse-
ly, this bit-field will be set to “1” is there is a “Change
of Framing Alignment” in DS2 Channel # 7.
Bit 4 - DS2 OOF (Out-of-Frame) Status
This “Read-Only” bit-field reflects the current “OOF”
status of DS2 Channel # 7.
This bit-field will be set to “0” if DS2 Channel # 7 is
currently in the “In-Frame” condition. Conversely,
this bit-field will be set to “1” if DS2 Channel # 7 is
currently declaring an “Out-of-Frame” condtion.
Bit 3 - DS2 FERF (Far-End Receive Failure) Status
his “Read-Only” bit-field reflects the current “FERF”
status of DS2 Channel # 7.
This bit-field will be set to “0” if DS2 Channel # 7 is
currently not declaring the “FERF” condition. Con-
versely, this bit-field will be set to “1” if DS2 Channel #
1 is currently declaring a “FERF” condtion.
Bit 2 - DS2 RED Alarm Status
This “Read-Only” bit-field reflects the current “RED
Alarm” status of DS2 Channel # 7.
This bit-field will be set to “0” if DS2 Channel # 7 is
not currently declaring a “RED Alarm” condition.
Conversely, this bit-field will be set to “1” if DS2 Chan-
nel # 7 is currently declaring a “RED Alarm” condition.
Bit 1 - DS2 AIS (Alarm Indication Signal) Status
This “Read-Only” bit-field reflects the current “AIS”
status of DS2 Channel # 1.
DS2 # 7 FRAMER INTERRUPT REGISTER (ADDRESS = 0XB5)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Change in
DS2 COFA
Interrupt
Enable
Change in
DS2 OOF
Interrupt
Enable
Change in
DS2 FERF
Interrupt
Enable
Change in
DS2 RED
Alarm
Interrupt
Enable
Change in
DS2 AIS
Interrupt
Enable
Change in
DS2
RESV
Interrupt
Enable
R/O
R/O
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
DS2 # 7 FRAMER STATUS REGISTER (ADDRESS = 0XB5)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
DS2 COFA
Status
DS2 OOF
Status
DS2 FERF
Status
DS2 RED
Alarm
Status
DS2 AIS
Status
DS2
RESV
Status
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com