Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 184 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 184 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 180Page - Exar Corporation XRT72L13 Datasheet HTML 181Page - Exar Corporation XRT72L13 Datasheet HTML 182Page - Exar Corporation XRT72L13 Datasheet HTML 183Page - Exar Corporation XRT72L13 Datasheet HTML 184Page - Exar Corporation XRT72L13 Datasheet HTML 185Page - Exar Corporation XRT72L13 Datasheet HTML 186Page - Exar Corporation XRT72L13 Datasheet HTML 187Page - Exar Corporation XRT72L13 Datasheet HTML 188Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
172
This bit-field will be set to “0” if DS2 Channel # 7 is
not currently declaring an “AIS” condition. Converse-
ly, this bit-field will be set to “1” if DS2 Channel # 7 is
currently declaring an “AIS” condition.
Bit 0 - DS2 RESV Status
To be provided in the next update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com