Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 201 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 201 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 197Page - Exar Corporation XRT72L13 Datasheet HTML 198Page - Exar Corporation XRT72L13 Datasheet HTML 199Page - Exar Corporation XRT72L13 Datasheet HTML 200Page - Exar Corporation XRT72L13 Datasheet HTML 201Page - Exar Corporation XRT72L13 Datasheet HTML 202Page - Exar Corporation XRT72L13 Datasheet HTML 203Page - Exar Corporation XRT72L13 Datasheet HTML 204Page - Exar Corporation XRT72L13 Datasheet HTML 205Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
189
will indicate that this data is ready to be latched
by asserting the Rdy_Dtck (DTACK) output sig-
nal. At this point, the µC/µP should latch the
data into the Framer by toggling the Rd_DS
input pin "high".
For subsequent write operations, within this burst I/O
access, the µC/µP simply repeats steps B.1 through
B.3 as illustrated in Figure 58 .
3.2.2.2.2.2.3
Terminating the Burst I/O Access
The Burst I/O Access will be terminated upon the fall-
ing edge of the ALE_AS input signal. At this point the
Framer will cease to internally increment the "latched"
address value. Further, the µC/µP is now free to exe-
cute either a "Programmed I/O" access or to start an-
other "Burst I/O Access" with the XRT72L13 DS3
Framer.
3.3
ON-CHIP REGISTER ORGANIZATION
The Microprocessor Interface section, within the
Framer allows the user to do the following.
• Configure the Framer into a wide variety of operat-
ing modes.
• Employ various features of the Framer.
• Perform status monitoring
• Enable/Disable and service Interrupt Conditions
All of these things are accomplished by reading from
and writing to the many on-chip registers within the
Framer. Table 4 lists each of these registers and their
corresponding address locations within the Framer
Address space.
3.3.1
Framer Register Addressing
The array of on-chip registers consists of a variety of
register types. These registers are denoted in Table
4, as follows.
R/O - Read Only Registers.
R/W - Read/Write Registers
RUR - Reset-upon-Read Registers
Additionally, some of these registers consists of both
"R/O" and "R/W" bit-fields. These registers are de-
noted in Table 4 as "Combination of R/W and R/O".
The bit-format and definitions for each of these regis-
ters are presented in Section 3.3.2
3.3.2
M13 Mux/Framer Register Description
This section provides a function description of each
bit-field within each of the on-chip Framer Register.
NOTE: For all on-chip registers, a table containing the bit-
format of the register is presented. Additionally, these
tables also contain the default values for each of these reg-
ister bits. Finally, the function description, associated with
each register bit-field is presented, along with a reference to
a Section Number, within this Data Sheet, that provides a
more in-depth discussion of the functions associated with
this register bit-field.
3.3.2.1
Operating Mode Register
FIGURE 58. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT "WRITE" OPERA-
TIONS WITH THE
BURST I/O CYCLE (MOTOROLA-TYPE µC/µP)
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Data Written at Offset =0x01
WRB_RW
Data Written at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com