Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 109Page - National Semiconductor (TI) DP8344 Datasheet HTML 110Page - National Semiconductor (TI) DP8344 Datasheet HTML 111Page - National Semiconductor (TI) DP8344 Datasheet HTML 112Page - National Semiconductor (TI) DP8344 Datasheet HTML 113Page - National Semiconductor (TI) DP8344 Datasheet HTML 114Page - National Semiconductor (TI) DP8344 Datasheet HTML 115Page - National Semiconductor (TI) DP8344 Datasheet HTML 116Page - National Semiconductor (TI) DP8344 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-16 Latched Read of IMEM (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRR-CO
1
RAE REM-RD Falling before CLK-OUT Rising
22
ns
tH-RRR-X
2
RAE REM-RD Rising after XACK Rising
0
ns
tSU-CMD-RRR
3
CMD Valid before RAE REM-RD Falling
0
ns
tH-CMD-RRR
4
CMD Invalid after RAE REM-RD Falling
Ta
26
ns
tPD-RRR-X
5
RAE REM-RD Falling to XACK Falling
26
ns
tPD-Xf-LCLr
6
XACK Falling to LCL Rising
Tab5ns
tPD-LCL-X
7
LCL Rising to XACK Rising
(nIWa2)Tab10
8
ns
tPD-Xr-LCLf
8
XACK Rising to LCL Falling
Tab11
11
ns
tAZ-A-LCL
9
A Disabled before LCL Rising
TLab18
ns
tZA-LCL-A
10
A Enabled after LCL Falling
THab12
ns
tPD-LCL-IMEM
11
LCL Rising to AD (IMEM) Valid
Ta
22
ns
tPD-IMEM-X
12
AD (IMEM) Valid to XACK Rising
(nIWa1)Tab23
ns
tPD-X-IMEM
13
XACK Rising to AD (IMEM) Invalid
THa
1ns
tPD-LCL-IA
14
LCL Falling to Next IA Valid (Note 2)
TaTHab19
5
ns
tW-IMEM
15
IMEM Valid
(nIWa1)TaTHab9ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
Two remote reads from instruction memory are necessary to read a 16-bit instruction word from IMEMlow byte followed by high byte The timing for the
two reads are the same except that IA is incremented after the high instruction memory byte is read
TLF9336 – 70
FIGURE 5-16 Latched Read of IMEM
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com