Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 110Page - National Semiconductor (TI) DP8344 Datasheet HTML 111Page - National Semiconductor (TI) DP8344 Datasheet HTML 112Page - National Semiconductor (TI) DP8344 Datasheet HTML 113Page - National Semiconductor (TI) DP8344 Datasheet HTML 114Page - National Semiconductor (TI) DP8344 Datasheet HTML 115Page - National Semiconductor (TI) DP8344 Datasheet HTML 116Page - National Semiconductor (TI) DP8344 Datasheet HTML 117Page - National Semiconductor (TI) DP8344 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-17 Slow Buffered Write of PC RIC (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRW-CO
1
RAE REM-WR Falling before CLK-OUT Rising
24
ns
tH-RRW-X
2
RAE REM-WR Rising after XACK Rising (Note 2)
0
ns
Tab37
ns
tSU-CMD-RRW
3
CMD Valid before RAE REM-WR Falling
0
ns
tH-CMD-RRW
4
CMD Invalid after RAE REM-WR Falling
Ta
26
ns
tPD-RRW-X
5
RAE REM-WR Falling to XACK Falling
26
ns
tPD-X-LCL
6
XACK Falling to LCL Rising
(nLWa1)Tab5ns
tPD-LCL-X
7
LCL Rising to XACK Rising
2Tab10
8
ns
tPD-RRW-LCL
8
RAE REM-WR Rising to LCL Falling
Ta
5ns
tAZ-AAD-LCL
9
A AD Disabled before LCL Rising
TLab20
ns
tZA-LCL-AAD
10
A AD Enabled after LCL Falling
THab10
ns
tSU-RDAT-RRW
11
AD (Data) Valid before RAE REM-WR Rising
12
ns
tH-RDAT-RRW
12
AD (Data) Invalid after RAE REM-WR Rising
10
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
The maximum value for this parameter is the latest RAE REM-WR can be removed without adding a T-state to the remote access
TLF9336 – 71
FIGURE 5-17 Slow Buffered Write of PC RIC
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com