Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 126Page - National Semiconductor (TI) DP8344 Datasheet HTML 127Page - National Semiconductor (TI) DP8344 Datasheet HTML 128Page - National Semiconductor (TI) DP8344 Datasheet HTML 129Page - National Semiconductor (TI) DP8344 Datasheet HTML 130Page - National Semiconductor (TI) DP8344 Datasheet HTML 131Page - National Semiconductor (TI) DP8344 Datasheet HTML 132Page - National Semiconductor (TI) DP8344 Datasheet HTML 133Page - National Semiconductor (TI) DP8344 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-28 Wait Timing After Remote Access (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tPD-LCL-AAD
1
LCL Falling to A AD (Data Address) Valid
THa
11
ns
tPD-LCL-AAD-BR
LCL Falling to A AD (Data Address) Valid
2Ta
29
ns
for Buffered Read of RIC
tPD-AAD-ALE
2
A AD (Data Address) Valid to ALE Falling
Tab16
ns
tSU-WT-LCL
3
LCL Falling to WAIT Falling to Extend Local Cycle
(max(nDW nIWb1)a1)TaTHab29
ns
tH-WT-LCL
4
WAIT Rising after LCL Falling
(max(nDW nIWb1)a1)TaTHab3ns
(max(nDW nIWb1)a2)TaTHab28
ns
tH-WT-LCL-BR
WAIT Rising after LCL Falling for Buffered
(max(nDW nIWb1)a3)TaTHa
b
3ns
read of RIC
tSU-WT-ALEf
5
WAIT Low Before ALE Falling to Extend Cycle
22
ns
tH-WT-ALE
6
WAIT Rising After ALE Falling
0
ns
(max(nDW nIWb1)a1)Tab28
ns
tSU-WT-AAD
7
A AD (Data Address) Valid to WAIT Falling
Tab33
ns
to Extend Load Cycle
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
TLF9336 – I0
FIGURE 5-28 Wait Timing After Remote Access
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com