Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 128Page - National Semiconductor (TI) DP8344 Datasheet HTML 129Page - National Semiconductor (TI) DP8344 Datasheet HTML 130Page - National Semiconductor (TI) DP8344 Datasheet HTML 131Page - National Semiconductor (TI) DP8344 Datasheet HTML 132Page - National Semiconductor (TI) DP8344 Datasheet HTML 133Page - National Semiconductor (TI) DP8344 Datasheet HTML 134Page - National Semiconductor (TI) DP8344 Datasheet HTML 135Page - National Semiconductor (TI) DP8344 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 184 page
background image
60 Reference Section (Continued)
In the ‘‘Blocked If’’ structure if the
condition is met then all
the
operations between the ‘‘If’’ statement and the ‘‘End if’’
statement are performed
‘‘Blocked If’’ structure
If
condition then
operation
operation
etc
End if
In the ‘‘Blocked Case’’ structure the
operation preceded by
the equivalent numeric value of the
operand is executed
For example if the
operand’ s value is equal to ‘‘1’’ then the
operation preceded by ‘‘1’’ is executed
‘‘Blocked Case’’ structure
Case
operand of
0
operation
1
operation
2
etc
End case
Two reference tables have been added to the back of the
Instruction Set Reference section The first table Table 6-2
lists all the instructions with their associated T-states Af-
fected Flags and Bus Timing figure numbers in a compact
format The second table Table 6-3 lists all the instructions
in opcode order to facilitate disassembly
TABLE 6-1 Notational Conventions for Instruction Set
Symbol
Represents
Meaning
Length
n
0 to 255
Unsigned Number
8 Bits
a
127 to b128
Signed Number
nn
0 to 65535
Unsigned Number
16 Bits
Rs
R0 – R31
Source Register
Rd
R0 – R31
Destination Register
Rsd
R0 – R31
Combination SourceDestination Register
rs
R0 – R15
Limited Source Register
rd
R0 – R15
Limited Destination Register
rsd
R0 – R15
Limited Combination SourceDestination Register
Ir
IW IX IY IZ
Index Register
mIr
Index Register in One of the Following Address Modes
Irb
Post Decrement
Ir
No Change
Ira
Post Increment
a
Ir
Pre-Increment
b
0 – 7
Shift Field
3 Bits
m
0 – 7
Mask Field
3 Bits
p
0 – 7
Position Field
3 Bits
s
0 – 1
State Field
1 Bit
f
0 – 7
Flag Reference Field
3 Bits
cc
Condition Code Instruction Extensions
v
0 – 63
Vector Field
6 Bits
g
0 – 3
Global Interrupt Enable Flag GIE Status Control
2 Bits
g
0 – 1
Global Interrupt Enable Flag GIE Limited Status Control
1 Bit
rf
0 – 1
Register Bank and ALU Flag Status Control
1 Bit
ba
0 – 1
Register Bank A Select
1 Bit
bb
0 – 1
Register Bank B Select
1 Bit
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com