Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 133Page - National Semiconductor (TI) DP8344 Datasheet HTML 134Page - National Semiconductor (TI) DP8344 Datasheet HTML 135Page - National Semiconductor (TI) DP8344 Datasheet HTML 136Page - National Semiconductor (TI) DP8344 Datasheet HTML 137Page - National Semiconductor (TI) DP8344 Datasheet HTML 138Page - National Semiconductor (TI) DP8344 Datasheet HTML 139Page - National Semiconductor (TI) DP8344 Datasheet HTML 140Page - National Semiconductor (TI) DP8344 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 184 page
background image
60 Reference Section (Continued)
ADD
Add Immediate
Syntax
ADD
n rsd
immediate limited register
Affected Flags
N Z C V
Description
Adds the immediate value n to the register rsd and places
the result back into the register rsd Note that only the ac-
tive registers R0 – R15 may be specified for rsd The value of
n is limited to 8 bits (unsigned range 0 to 255 signed
range a127 to b128)
Example
Add the constant b3 to register 10
ADD
b
3 R10
R10 a (b3)
xR10
Instruction Format
0000
Opcode
n
rsd
15
11
3
0
T-States
2
Bus Timing
Figure 6-1
Operation
rsd a n
xrsd
ADDA
Add with Accumulator
Syntax
ADDA
Rs Rd
register register
ADDA
Rs
mIr
register indexed
Affected Flags
N Z C V
Description
Adds the source register Rs to the active accumulator and
places the result into the destination specified The destina-
tion may be either a register Rd or data memory via an
index register mode mIr Note that register bank selection
determines which accumulator is active
Example
In the first example the value 4 is placed into the currently
active accumulator that accumulator is added to the con-
tents of register 20 and then the result is placed into regis-
ter 21
MOVE
4 A
Place constant into accum
ADDA
R20 R21
R20 a accum
xR21
In the second example the alternate accumulator of regis-
ter bank B is selected and then added to register 20 The
result is placed into the data memory pointed to by the index
register IZ and then the value of IZ is incremented by one
EXX
0 1
Select alt accumulator
ADDA
R20
IZa
R20 a accum
xdata mem
and increment data pointer
Instruction Format
ADDA
Rs Rd
111000
Opcode
Rd
Rs
15
9
4
0
ADDA
Rs
mIr
TLF9336 – 6
T-states
ADDA
Rs Rd
2
ADDA
Rs
mIr
3
Bus Timing
ADDA
Rs Rd
Figure 6-1
ADDA
Rs
mIr
Figure 6-6
Operation
ADDA
Rs Rd
Rs a accumulator
xRd
ADDA
Rs
mIr
Rs a accumulator
xdata memory
AND
And Immediate
Syntax
AND
n rsd
immediate limited register
Affected Flags
N Z
Description
Logically ANDs the immediate value n to the register rsd
and places the result back into the register rsd Note that
only the active registers R0 – R15 may be specified for rsd
The value of n is 8 bits wide
Example
Unmask both the Transmitter and Receiver interrupts via
the Interrupt Control Register
ICR
R2 Leave the other
interrupts unaffected
EXX
00
select main register banks
AND
11111100BR2
unmask transmitter and
receiver interrupts
Instruction Format
0100
Opcode
n
rsd
15
11
3
0
T-states
2
Bus Timing
Figure 6-1
Operation
rsd
AND
n
xrsd
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com