Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 134Page - National Semiconductor (TI) DP8344 Datasheet HTML 135Page - National Semiconductor (TI) DP8344 Datasheet HTML 136Page - National Semiconductor (TI) DP8344 Datasheet HTML 137Page - National Semiconductor (TI) DP8344 Datasheet HTML 138Page - National Semiconductor (TI) DP8344 Datasheet HTML 139Page - National Semiconductor (TI) DP8344 Datasheet HTML 140Page - National Semiconductor (TI) DP8344 Datasheet HTML 141Page - National Semiconductor (TI) DP8344 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
60 Reference Section (Continued)
ANDA
And with Accumulator
Syntax
ANDA
Rs Rd
register register
ANDA
Rs
mIr
register indexed
Affected Flags
N Z
Description
Logically ANDs the source register Rs to the active accumu-
lator and places the result into the destination specified
The destination may be either a register Rd or data memo-
ry via an index register mode
mIr
Note that register bank
selection determines which accumulator is active
Example
This example demonstrates a way to quickly unload all 11
bits of the three words in the Receiver FIFO when the FIFO
is full The example assumes that the index register IZ
points to the location in data memory where the information
should be stored
EXX
11
select alternate banks
MOVE 00000111B A
place the TSR mask
into the accumulator
Pop the first word from the receiver FIFO
ANDA TSR
IZa
read bits 8 9
10
MOVE RTR
IZa
pop bits 0 – 7
Pop the second word from the receiver FIFO
ANDA TSR
IZa
MOVE RTR
IZa
Pop the third word from the receiver FIFO
ANDA TSR
IZa
MOVE RTR
IZa
Instruction Format
ANDA
Rs Rd
111100
Opcode
Rd
Rs
15
9
4
0
ANDA
Rs mIr
TLF9336 – 7
T-states
ANDA
Rs Rd
2
ANDA
Rs
mIr
3
Bus Timing
ANDA
Rs Rd
Figure 6-1
ANDA
Rs
mIr
Figure 6-7
Operation
ANDA
Rs Rd
Rs
AND accumulator
xRd
ANDA
Rs
mIr
Rs
AND accumulator
xdata memory
BIT
Bit Test
Syntax
BIT
rs n
limited register immediate
Affected Flags
N Z
Description
Performs a bit level test by logically ANDing the source reg-
ister rs to the immediate value n The affected flags are
updated but the result is not saved Note that only the ac-
tive registers R0 – R15 may be specified for rs The value n
is 8 bits wide
Example
Poll the Transmitter FIFO Empty flag TFE in the Network
Command Flag register NCF
R1 waiting for the Trans-
mitter to send the current FIFO data
EXX
01
select main A alt B
Poll
BIT
NCF10000000B
All data sent yet
JZ
Poll
No poll TFE
Yes send next byte(s)
Instruction Format
0111
Opcode
n
rs
15
11
3
0
T-states
2
Bus Timing
Figure 6-1
Operation
rs
AND
n
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com