Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 136Page - National Semiconductor (TI) DP8344 Datasheet HTML 137Page - National Semiconductor (TI) DP8344 Datasheet HTML 138Page - National Semiconductor (TI) DP8344 Datasheet HTML 139Page - National Semiconductor (TI) DP8344 Datasheet HTML 140Page - National Semiconductor (TI) DP8344 Datasheet HTML 141Page - National Semiconductor (TI) DP8344 Datasheet HTML 142Page - National Semiconductor (TI) DP8344 Datasheet HTML 143Page - National Semiconductor (TI) DP8344 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 184 page
background image
60 Reference Section (Continued)
CPL
Complement
Syntax
CPL
Rsd
register
Affected Flags
N Z
Description
Logically complements the contents of the register Rsd
placing the result back into that register
Example
Load the fill-bit count passed from the host into the Trans-
mitter’s Fill-Bit Register
FBR
R3 and then perform the
required one’s complement of the fill-bit count In this exam-
ple register 20 contains the fill-bit count
EXX
11
select alternate banks
MOVE
R20 FBR
load FBR
CPL
FBR
complement fill-bit count
Instruction Format
10101110000
Opcode
Rsd
15
4
0
T-states
2
Bus Timing
Figure 6-1
Operation
Rsd
xRsd
EXX
Exchange Register Banks
Syntax
EXX
ba bb
g
Affected Flags
None
Description
Selects which CPU register banks are active by exchanging
between the main and alternate register sets for each bank
Bank A controls R0 – R3 and Bank B controls R4 – R11 The
table below shows the four possible register bank configura-
tions Note that deactivated registers retain their current val-
ues The Global Interrupt Enable bit GIE can be set or
cleared if desired
Register Bank Configurations
ba
bb
Active Register Banks
0
0
Main A Main B
0
1
Main A Alternate B
1
0
Alternate A Main B
1
1
Alternate A Alternate B
Example
Activate the main register set of Bank A the alternate regis-
ter set of Bank B and leave the Global Interrupt Enable bit
GIE unchanged
EXX
01
select main A alt B reg banks
Instruction Format
101011101
000
Opcode
g
ba
bb
15
6
v
43
2
0
00GIE not affected
01reserved
10Set GIE
11Clear GIE
T-states
2
Bus Timing
Figure 6-1
Operation
Case ba of
0
activate main Bank A
1
activate alternate Bank A
End case
Case bb of
0
activate main Bank B
1
activate alternate Bank B
End case
Case g of
0
leave GIE unaffected (default)
1
(reserved)
2
set GIE
3
clear GIE
End case
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com